Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

0478560000 Datasheet(PDF) 28 Page - Weidmuller

Part No. 0478560000
Description  SAK-series
Download  52 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  WEIDMULLER [Weidmuller]
Homepage  http://www.weidmuller.com
Logo 

0478560000 Datasheet(HTML) 28 Page - Weidmuller

Zoom Inzoom in Zoom Outzoom out
 28 / 52 page
background image
Feed-through terminals for wrap termination
151
SAK 2.5 T
Pin 1 x 1
r
6/36.5/47.5/67
12 mm/M 2.5/3.5 x 0.6
250 V/8 A/2.5 mm2
4 kV/3
0.4…0.7
1
0.5…6
0.5…2.5
0.5…4
0.5…2.5
A 3
(Q 2…10) 24
300 V/10 A/22…12 AWG
Y
Cat. No.
Qty.
0108520000 100
01085600001)100
Type
Cat. No.
Qty.
AP (1.5)
0279520000 20
AP (1.5)
0279560000 20
TW (2.5)
0302820000 20
TW (1.5)
0302860000 20
TW (0.5)
0197100000 20
TW (2.0)
0607000000 20
TSch 1
0319160000 100
Q 2
0337000000 50
Q 3
0337100000 50
Q 4
0337200000 50
Q 10
0368700000 20
StB 8.5 (ø 2.3) 0280600000 50
PS 2.3
0180400000 20
DEK 6
see “Accessories”
r
6/36.5/47.5/62
12 mm/M 2.5/3.5 x 0.6
250 V/10 A/2.5 mm2
4 kV/3
0.4…0.7
1
0.5…6
0.5…2.5
0.5…4
0.5…2.5
A 3
(Q 2…10) 24
300 V/10 A/22…12 AWG
Y
Cat. No.
Qty.
0485920000 100
0478820000 100
Type
Cat. No.
Qty.
AP (1.5)
0279520000 20
AP (1.5)
0279560000 20
TW (2.5)
0302820000 20
TW (1.5)
0302860000 20
TW (0.5)
0197100000 20
TW (2.0)
0607000000 20
TSch 1
0319160000 100
Q 2
0337000000 50
Q 3
0337100000 50
Q 4
0337200000 50
Q 10
0368700000 20
StB 8.5 (ø 2.3) 0280600000 50
PS 2.3
0180400000 20
DEK 6
see “Accessories”
Dimensions/approvals
Width/length/height (mm)
with TS 32 Y
Insulation stripping length/clamping screw/screwdriver blade
Rated data
Rated voltage/current/cross-section
Rated impulse voltage VDE 0110/1.89/pollution severity
Further technical data
Tightening torque range
Nm
Torque setting with electric screwdriver type DMS 2
Clampable conductor
Solid H07V-U
mm2
Stranded H07V-R
mm2
Flexible H07V-K
mm2
Flexible H07V-K and ferrule according to DIN 46 228/1
mm2
Plug gauge according to IEC 60 947-1
Size
Continuous current of terminal for conductor size
Continuous current rating of cross-connection 2-pole
A
Continuous current rating of cross-connection multipole
A
Rated data according to UL/CSA
Voltage/current/conductor size
UL
Voltage/current/conductor size
CSA
Ordering data
Pin
Version
Right
KrG
Horizontal right
KrG
Vertical left
KrG
Horizontal
Vertical
Vertical right
KrG
assembly
assembly
2x vertical
KrG
Right
PA
End plate (thickness mm)
KrG
PA
Partition (thickness mm)
KrG
PA
HP
HP
Small partition
Cross-connection
2-pole
3-pole
4-pole
10-pole
Test plug/socket
Plug-test socket without using QL
PS
StB
Marking tags
Print
DEK
Standard
r
6/36.5/47.5/69
12 mm/M 2.5/3.5 x 0.6
250 V/10 A/2.5 mm2
4 kV/3
0.4…0.7
1
0.5…6
0.5…2.5
0.5…4
0.5…2.5
A 3
(Q 2…10) 24
300 V/10 A/22…12 AWG
Y
Cat. No.
Qty.
0371020000 100
0485020000 100
Type
Cat. No.
Qty.
AP (1.5)
0279520000 20
AP (1.5)
0279560000 20
TW (2.5)
0302820000 20
TW (1.5)
0302860000 20
TW (0.5)
0197100000 20
TW (2.0)
0607000000 20
TSch 1
0319160000 100
Q 2**
0337000000 50
Q 3**
0337100000 50
Q 4**
0337200000 50
Q 10**
0368700000 20
StB 8.5 (ø 2.3) 0280600000 50
PS 2.3
0180400000 20
DEK 6
see “Accessories”
** Not for Type 2 x vertical“
Mounting rails, end brackets, further marking material see “Accessories”
1
) Shock-proof with ADP4 cover profile (see section
“Accessories”)
Y
Y
Y
SAK 2.5 T
Pin 0.8 x 2.4
SAK 2.5 T
Pin 0.8 x 1.6
DIN 41 611, Part 2 and
for spring-clip termination
DIN 41 611, Part 4


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn