Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

0478560000 Datasheet(PDF) 27 Page - Weidmuller

Part No. 0478560000
Description  SAK-series
Download  52 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  WEIDMULLER [Weidmuller]
Homepage  http://www.weidmuller.com
Logo 

0478560000 Datasheet(HTML) 27 Page - Weidmuller

Zoom Inzoom in Zoom Outzoom out
 27 / 52 page
background image
150
Feed-through terminals with tab connection
Dimensions/approvals
Width/length/height (mm)
with TS 32 Y
Width/length/height (mm)
with TS 35 x 7.5 W
Insulation stripping length/clamping screw/screwdriver blade
Rated data
Rated voltage/-current
Rated cross-section for clamping yokes
Rated cross-section tab
6.3/2.8 mm
Rated Voltage VDE 0110/1.89/pollution severty
Further technical data
Tightening torque range
Nm
Torque setting with electric screwdriver type DMS 2
Clampable conductor
Solid H07V-U
mm2
Stranded H07V-R
mm2
Flexible H07V-K
mm2
Flexible H07V-K and ferrule according to DIN 46 228/1
mm2
With/without plastic insulation collar
Plug gauge according to 60 947-7-1
Size
Continuous current of terminal for conductor size
Continuous current rating of cross-connection 2 pole
A
Continuous current rating of cross-connection multipole
A
Rated data according to UL/CSA
Voltage/current/conductor size
UL
Voltage/current/conductor size
CSA
Ordering data
Version
PA
End plate (thickness mm)
PA
Partition
for TS 32 HP
Small partition
TSch 6
Cross-connection
Q 3
2-pole
3-pole
4-pole
10-pole
Test plug/socket
Plug test socket without using QL
StB
Plug test socket for use with QL
PS
Insulation sleeve
Marking tags
Print
DEK
Standard
Mounting rails, end brackets, further marking material see “Accessories”
1
) With insulation sleeve
a r #
LR u
6/54/60.5
400 V1)/2 x 16 A
-
2.5/1.0 mm2
8 kV/3
(QL 2…10) 20
300 V/10 A/22…12 AWG
300 V/10 A/22…12 AWG
W
Cat. No.
Qty.
0217160000 100
Type
Cat. No.
Qty.
AP (1.5)
0631360000 20
TSch 6
0190260000 100
Q 2
0336400000 50
Q 3
0336500000 50
Q 4
0336600000 50
Q 10
0368600000 20
StB 8.5
0215700000 50
PS 2.3
0180400000 20
IH 2.8
0386060000 100
IH 6.3
0386260000 100
DEK 6
see “Accessories”
a r #
LR u
6/54/60.5
400 V1)/2x10
-
1.0 mm2
4 kV/3
(QL 2…10) 20
300 V/10 A/22…12 AWG
300 V/10 A/22…12 AWG
W
Cat. No.
Qty.
0297060000 100
Type
Cat. No.
Qty.
AP (1.5)
0631360000 20
TSch 6
0190260000 100
Q 2
0336400000 50
Q 3
0336500000 50
Q 4
0336600000 50
Q 10
0368600000 20
StB 8.5
0215700000 50
PS 2.3
0180400000 20
IH 2.8
0386060000 100
DEK 6
see “Accessories”
a r # u
6/54/59.5
6/54/60.5
9 mm/M 3/3.5 x 0.6
400 V1)/2 x 10
4 mm2
1.0 mm2
6 kV/3
0.5…1.0
2
0.5…4
1.5…4
0.5…4
0.5…4
A 3
(QL 2…10) 20
300 V/10 A/22…12 AWG
300 V/10 A/22…12 AWG
Y
Qty. W
Qty.
0631260000100 0686660000100
Type
Cat. No.
Qty.
AP (1.5)
0631360000
20
TW HP (2.0) 0607000000 20
TSch 6
0190260000 100
Q 2
0336400000 50
Q 3
0336500000 50
Q 4
0336600000 50
Q 10
0368600000 20
StB 8.5
0215700000 50
PS 2.3
0180400000 20
IH 2.8
0386060000 100
IH 6.3
0386260000100
DEK 6
see “Accessories”
a r #
6/54/59.5
6/54/60.5
9 mm/M 3/3.5 x 0.6
400 V1)/2 x 10
4 mm2
1.0 mm2
6 kV/3
0.5…1.0
2
0.5…4
1.5…4
0.5…4
0.5…4
A 3
(QL 2…10) 20
300 V/10 A/22…12 AWG
300 V/10 A/22…12 AWG
Y
Qty. W
Qty.
0631160000 100 0686560000 100
Type
Cat. No.
Qty.
AP (1.5)
0631360000 20
TW HP (2.0) 0607000000 20
TSch 6
0190260000 100
Q 2
0336400000 50
Q 3
0336500000 50
Q 4
0336600000 50
Q 10
0368600000 20
StB 8.5
0215700000 50
PS 2.3
0180400000 20
PS 2.3
0180400000 20
IH 2.8
0386060000 100
DEK 6
see “Accessories”
Y
Y
DK 4 SS/35
DK 4 SS/35 only 2.8
DK 4 S
DK 4 S/35
DK 4 S only 2.8
DK 4 S/35 only 2.8


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn