Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

0478560000 Datasheet(PDF) 24 Page - Weidmuller

Part No. 0478560000
Description  SAK-series
Download  52 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  WEIDMULLER [Weidmuller]
Homepage  http://www.weidmuller.com
Logo 

0478560000 Datasheet(HTML) 24 Page - Weidmuller

Zoom Inzoom in Zoom Outzoom out
 24 / 52 page
background image
Disconnect test terminals
147
Y
W
a r #
8/58/49
8/58/44
9 mm/M 3/3.5 x 0.6
500 V/19 A/4 mm2
6 kV/3
0.5…1.0
2
0.5…4
1.5…4
0.5…4
0.5…4
A 3
(QB 2…4) 10
300 V/15 A/12 max. AWG
300 V/6.3 A/26…12 AWG
Y
+ W Qty.
0456360000 100
0105260000 100
Type
Cat. No.
Qty.
AP (1.5)
0380360000 20
TW HP (2.0) 0607000000 20
QB 24)
0461100000 100
QB 34)
0461200000 50
QB 44)
0461300000 50
K sleeve
0553300000 100
DEK 5 FW
see “Accessories”
ASK 1
ASK 1/35
multipole interruptable with
group marking carrier SchS 2;
2-pole
(Cat. No. 1359500000)
1000 mm (Cat. No. 0337400000)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn