Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

0478560000 Datasheet(PDF) 17 Page - Weidmuller

Part No. 0478560000
Description  SAK-series
Download  52 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  WEIDMULLER [Weidmuller]
Homepage  http://www.weidmuller.com
Logo 

0478560000 Datasheet(HTML) 17 Page - Weidmuller

Zoom Inzoom in Zoom Outzoom out
 17 / 52 page
background image
140
Fuse terminals
r i # u DNV
13/54/61
13/54/54
12 mm/M 4/5.5 x 1.0
500 V/6.3 A3)/10 mm2
6 kV/3
1.2…2.4
4
0.5…16
1.5…10
0.5…10
0.5…10
B 6
(QL 2…5) 47
(QL 6…10) 36
600 V/10 A/26…10 AW
Y
Qty. W
Qty.
0191120000 20 050152000020
0501500000 20
Type
Cat. No.
Qty.
AP (2.5)
0191320000 20
Wemid-beige 0191300000
for Y TW (2.0)
0607000000 20
5 x 25 mm
0.25 (m)
0546900000 10
0.5 (m)
0510300000 10
0.8 (m)
0646400000 10
1 (m)
0265800000 10
10 (m)
0193100000 10
2 (f)
0192700000 10
4 (f)
0192800000 10
6.3 (f)
0192900000 10
SK (5 x 25)
0282000000 20
DEK 5
see “Accessories”
Dimensions/approvals
Width/length/height (mm)
with TS 32 Y
Width/length/height (mm)
with TS 35 x 7.5 W
Insulation stripping length/clamping screw/screwdriver blade
Rated data/feed through-terminal base
Rated voltage/current/cross-section
Rated impulse voltage/pollution severity
Further technical data
Tightening torque range
Nm
Torque setting with electric screwdriver type DMS 2
Clampable conductor
Solid H07V-U
mm2
Stranded H07V-R
mm2
Flexible H07V-K
mm2
Flexible H07V-K and ferrule according to DIN 46 228/1
mm2
Plug gauge according to 60 947-7-1
Size
Continuous current rating of cross-connection 2…5-pole
A
Continuous current rating of cross-connection 6…10-pole
A
Rated data according to UL/CSA
Voltage/current/conductor size
UL
Voltage/current/conductor size
CSA
Ordering data
Version
PA
KrG
Beige Wemid
End plate/partition (thickness mm)
G-fuse inserts
Acc. to IEC 60127-2 (VDE 0820 T.2 Bl 1) rated current (A):
0.10 fast
Rated voltage 250 V
0.20 fast
Fast switching capacity 1500 A
0.25 fast
(at 250 V, 50 Hz, cos ϕ = 0.7)
0.50 fast
1.0 fast
1.6 fast
2.0 fast
2.5 fast
3.15 fast
4.0 fast
5.0 fast
6.3 fast
Contact sleeve
Screw cap/disconnector lever (spare)
Red pull lever
Marking tags
Print
DEK
Standard
a r
i # DNV
13/54/61
13/54/54
12 mm/M 4/5.5 x 1.0
500 V/6.3 A3)/10 mm2
6 kV/3
1.2…2.4
4
0.5…16
1.5…10
0.5…10
0.5…10
B 6
(QL 2…5) 47
(QL 6…10) 36
300 V/6.3 A/22…10 AWG
600 V/10 A/26…10 AWG
Y
Qty. W
Qty.
0191220000 20 0501620000 20
Type
Cat. No. Qty.
AP (2.5)
0191320000 20
Wemid beige 0191300000 20
for Y TW (2.0)
0607000000 20
5 x 20 mm
0430300000 10
0430400000 10
0430500000 10
0430600000 10
0430700000 10
0430800000 10
0430900000 10
0431000000 10
SK (5 x 20)
0282100000 20
DEK 5
see “Accessories”
a r #
8/58/45.5
8/58/44
9 mm/M 3/3.5 x 0.6
500 V/6.3 A2)/4 mm2
6 kV/3
0.5…1.0
2
0.5…4
1.5…4
0.5…4
0.5…4
A 3
(QB 2…4) 10
300 V/6.3 A/12 max. AWG
300 V/6.3 A/26…12 AWG
Y+W
Cat.No.
Qty.
0474560000 100
Type
Cat. No.
Qty.
AP (1.5)
0380360000 20
5 x 20 mm
0430300000 10
0430400000 10
0430500000 10
0430600000 10
0430700000 10
0430800000 10
0430900000 10
0431000000 10
0553300000 100
TH
0377060000 100
SIHA
1593020000 100
DEK 8
see “Accessories”
Mounting rails, end brackets, further marking material see “Accessories”
W
Y
Y
Y
a
8/73.5/59,8
8/73.5/55,7
9 mm/M 3/3.5 x 0.6
500 V/6.3 A/4 mm2
6 kV/3
0.5…1.0
2
0.5…4
0.5…4
0.5…4
A 4
(QB 2…4) 10
300 V/15 A/12 max. AWG
Y
Qty. W
Qty.
9503300000 50 9503310000 50
Type
Cat. No. Qty.
AP 1 KDKS 9503330000 25
Wemid
9532470000 25
for Y TW (2.0)
0607000000 20
5 x 20 mm
0430300000 10
0430400000 10
0430500000 10
0430600000 10
0430700000 10
0430800000 10
0430900000 10
0431000000 10
0553300000 100
TH
0377060000 100
SIHA
1593020000 100
DEK 8
see “Accessories”
WW
W
Y
1
) Multipole interruptable with group marking carrier
Sch2 2-pole Cat. No. 1359500000, 1000 mm Cat. No. 0337400000
SAKS 1/G25
SAKS 1/35/G25
SAKS 1
SAKS 1/35
ASK 11)
ASK 1/351)
KDKS 11)
KDKS 1/351)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn