Electronic Components Datasheet Search |
|
74320-3000 Datasheet(PDF) 2 Page - MolexKits |
|
74320-3000 Datasheet(HTML) 2 Page - MolexKits |
2 / 6 page 1801 Morgan Street Rockford, Illinois 61102 800-435-2931 www.molexkits.com Datasheet for 76650-0143 The USB (Universal Serial Bus) connector has been one of the most popular I/O connectors for the PC industry due to it' s low cost and hot plugging feature. It was developed to integrate a variety of existing PC I/O ports into a single interface with hot-plugging, automatic configuration capabilities and increased bandwidth to enhance serial I/O throughput. Molex's mini-B™ USB OTG (On-The-Go) connectors and cables help enable mobile devices to exchange data directly without the need for a host PC. All Molex USB OTG connectors are compatible with the On-The-Go supplement (Rev. 1.0) to the USB 2.0 specification, and operate at speeds up to 480Mbps. The new Micro-USB connector technology has given the opportunity for portable device and mobile phone makers to further reduce their real estate in their applications. The Molex Micro-USB supports the current USB OTG supplement. This allows communication between portable devices without going through a host. The MicroCross™ DVI (Digital Visual Interface) connector family is based on an innovative use of "crossing" ground blades to provide high-speed electrical performance and a high-bandwidth in a low-cost connector. Molex's HDMI^ (High Definition Multimedia Interface) connectors and cable assemblies provide an uncompressed digital link between consumer electronics equipment and audio/video monitors. HDMI is a small, user-friendly interconnect that can carry up to 5 Gbps of combined video and audio in a single cable. This system eliminates the cost, complexity and confusion of multiple cables used to connect current A/V systems. ^ High Definition Multimedia Interface and HDMI are trademarks of HDMI Licensing, LLC. The DisplayPort* is designed for internal and external system solution for high bandwidth audio and video data transfer in the notebook and PC market. It reduces cost (by having high definition digital audio-video and graphics stream via the interface through the same cable) and provides ease of use (through the plug-and- play feature), making it user-friendly for consumers. It also provides performance scalability for future developments of high quality displays, high color depths and high refresh rates display. * DisplayPort is a Trademark of VESA Product Highlights For additional Molex / Waldom Design and Solution Kits please go to www.molexkits.com Page 2 of 6 |
Similar Part No. - 74320-3000 |
|
Similar Description - 74320-3000 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |