Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LXMS31ACMD-142 Datasheet(PDF) 7 Page - Murata Manufacturing Co., Ltd.

Part # LXMS31ACMD-142
Description  Printed Circuit Board RFID Devices
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

LXMS31ACMD-142 Datasheet(HTML) 7 Page - Murata Manufacturing Co., Ltd.

Back Button LXMS31ACMD-142 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. LXMS31ACMD-142 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. LXMS31ACMD-142 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. LXMS31ACMD-142 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. LXMS31ACMD-142 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. LXMS31ACMD-142 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. LXMS31ACMD-142 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. LXMS31ACMD-142 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. LXMS31ACMD-142 Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Application Guide
6
Reference Antenna Design and Performance
Type 2
Actual Read Range
Read Range (m) by Freq (MHz)
Directivity
Simulation according to min. operating power
PCB Size
USA
Japan
PCB Size
USA
Japan
L x W
(m)
(m)
L x W
(cm)
(cm)
20 x 6cm
1.4
1.1
20 x 6cm
5
3
14 x 4cm
2.5
2.0
14 x 4cm
20
10
10 x 4cm
1.6
1.6
10 x 4cm
5
10
6 x 4cm
0.6
0.5
6 x 4cm
**
**
30dBm, 6dB1 (4W EIRP) w/circularly polarized
wave
*Reader/Writer: CSL-461
** 2mm read range is available with loop antenna
10dBm, 6dB1 (40mW EIRP)
w/linearly polarized wave


Similar Part No. - LXMS31ACMD-142

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LXMS31ACMD MURATA-LXMS31ACMD Datasheet
267Kb / 8P
   Murata MAGICSTRAP짰 is an innovative RFID module with a wide range of RF features. It incorporates an industry standard IC
More results

Similar Description - LXMS31ACMD-142

ManufacturerPart #DatasheetDescription
logo
ITT Industries
XLM-3-31-PCS ITT-XLM-3-31-PCS Datasheet
330Kb / 3P
   Printed Circuit Board
logo
Semikron International
SKPC22-2 SEMIKRON-SKPC22-2 Datasheet
437Kb / 3P
   PRINTED CIRCUIT BOARD
logo
PHOENIX CONTACT
1805517 PHOENIX-1805517 Datasheet
71Kb / 4P
   Printed-circuit board connector
logo
Omron Electronics LLC
E3S-LS3N OMRON-E3S-LS3N Datasheet
93Kb / 2P
   Printed Circuit Board Sensor
logo
List of Unclassifed Man...
BK-1 ETC2-BK-1 Datasheet
80Kb / 2P
   Printed Circuit Board Fuses
logo
HY ELECTRONIC CORP.
GBU2006F HY-GBU2006F Datasheet
39Kb / 2P
   Ideal for printed circuit board
GBJ2006F HY-GBJ2006F Datasheet
49Kb / 2P
   Ideal for printed circuit board
GBU406L HY-GBU406L Datasheet
50Kb / 2P
   Ideal for printed circuit board
GBU606F HY-GBU606F Datasheet
47Kb / 2P
   Ideal for printed circuit board
logo
Kingtronics Internation...
KBPC35005W KINGTRONICS-KBPC35005W Datasheet
391Kb / 2P
   Ideal for printed circuit board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com