Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LXMS31ACMD-141 Datasheet(PDF) 5 Page - Murata Manufacturing Co., Ltd.

Part # LXMS31ACMD-141
Description  Printed Circuit Board RFID Devices
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

LXMS31ACMD-141 Datasheet(HTML) 5 Page - Murata Manufacturing Co., Ltd.

  LXMS31ACMD-141 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. LXMS31ACMD-141 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. LXMS31ACMD-141 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. LXMS31ACMD-141 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. LXMS31ACMD-141 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. LXMS31ACMD-141 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. LXMS31ACMD-141 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. LXMS31ACMD-141 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. LXMS31ACMD-141 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Application Guide
4
Electrical Parameters
Read Range
MAGICSTRAP®
P/N LXMS31ACMD-140
LXMS31ACNA-009
LXMS31ACMD-141
LXMS31ACNA-010
LXMS31ACMD-142
LXMS31ACNA-011
LXMS31ACMD-143
LXMS31ACNA-012
LXMS31ACMD-144
Impedance
Value
@866.6MHz
R
50
15
12
25
80
X
0
-45
-107
-200
-405
@915.0MHz
R
50
25
12
25
80
X
0
-45
-107
-200
-420
@953.0MHz
R
50
30
9
20
60
X
0
-48
-105
-195
-425
z
z
Frequency Range: 865 – 955MHz
z
z
Minimum operating power: -8dBm
z
z
Electrical characteristics at minimum operating power (Ta=25C, unit: Ω)
Parameter
4W EIRP @ 915MHz
Note: distances measured with 4W EIRP reader, 6dBi circularly polarized antenna, at 915 MHz; MAGICSTRAP® using NXP G2XL/M.


Similar Part No. - LXMS31ACMD-141

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LXMS31ACMD MURATA-LXMS31ACMD Datasheet
267Kb / 8P
   Murata MAGICSTRAP짰 is an innovative RFID module with a wide range of RF features. It incorporates an industry standard IC
More results

Similar Description - LXMS31ACMD-141

ManufacturerPart #DatasheetDescription
logo
ITT Industries
XLM-3-31-PCS ITT-XLM-3-31-PCS Datasheet
330Kb / 3P
   Printed Circuit Board
logo
Semikron International
SKPC22-2 SEMIKRON-SKPC22-2 Datasheet
437Kb / 3P
   PRINTED CIRCUIT BOARD
logo
PHOENIX CONTACT
1805517 PHOENIX-1805517 Datasheet
71Kb / 4P
   Printed-circuit board connector
logo
Omron Electronics LLC
E3S-LS3N OMRON-E3S-LS3N Datasheet
93Kb / 2P
   Printed Circuit Board Sensor
logo
List of Unclassifed Man...
BK-1 ETC2-BK-1 Datasheet
80Kb / 2P
   Printed Circuit Board Fuses
logo
HY ELECTRONIC CORP.
GBU2006F HY-GBU2006F Datasheet
39Kb / 2P
   Ideal for printed circuit board
GBJ2006F HY-GBJ2006F Datasheet
49Kb / 2P
   Ideal for printed circuit board
GBU406L HY-GBU406L Datasheet
50Kb / 2P
   Ideal for printed circuit board
GBU606F HY-GBU606F Datasheet
47Kb / 2P
   Ideal for printed circuit board
logo
Kingtronics Internation...
KBPC35005W KINGTRONICS-KBPC35005W Datasheet
391Kb / 2P
   Ideal for printed circuit board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com