Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74320-9010 Datasheet(PDF) 1 Page - MolexKits

Part # 74320-9010
Description  Deluxe Audio Video Data Application Kit
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEXKITS [MolexKits]
Direct Link  http://www.molexkits.com
Logo MOLEXKITS - MolexKits

74320-9010 Datasheet(HTML) 1 Page - MolexKits

  74320-9010 Datasheet HTML 1Page - MolexKits 74320-9010 Datasheet HTML 2Page - MolexKits 74320-9010 Datasheet HTML 3Page - MolexKits 74320-9010 Datasheet HTML 4Page - MolexKits 74320-9010 Datasheet HTML 5Page - MolexKits 74320-9010 Datasheet HTML 6Page - MolexKits  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1801 Morgan Street
Rockford, Illinois 61102
800-435-2931
www.molexkits.com
Datasheet for 76650-0143
Speeds:
(2.5 GHz), 480 Mbps, 4.95, 5, 9.9 Gbps
Deluxe Audio Video Data Application Kit
Connector Type:
Receptacles and Plugs, Cables
Upright, Right Angle and Vertical
Voltage:
Current Rating:
0.5, 1, 1.5, 1.8 and 3 Amps
30, 40, 100, 150, 750 Volts
Mounting
Orientation:
General Information
Wire-to-Board
Description:
Product Family(s):
Specifications
(Molex Parts within this kit) - EU RoHS Compliant
Design
Configuration:
Part Number:
Manufacturer:
Country of Origin:
76650-0143
Molex / Waldom
Certificates:
Includes HDMI, HDMI to DVI-D, MicroCross DVI-D and DVI-I, DisplayPort,
IEEE1394-1395, USB Type A and B, USB OTG (On-the-Go) mini-B, Micro USB-B
Product Families. Pitches range: 0.05mm (.002)" - 2.0mm (.079)"
MicroCross™ DVI, HDMI^, DisplayPort*, USB, mini-B™ USB OTG, and
Micro-USB
Kit assembled in U.S.A.
Title:
0.5mm (.020"), 0.65mm (.0256"), 1.00mm (.039")
Pitch:
For additional Molex / Waldom Design and Solution Kits please go to www.molexkits.com
Page 1 of 6


Similar Part No. - 74320-9010

ManufacturerPart #DatasheetDescription
logo
MolexKits
74320-9010 MOLEXKITS-74320-9010 Datasheet
80Kb / 6P
   Includes HDMI, HDMI to DVI-D, MicroCross DVI-D and DVI-I, DisplayPort, IEEE1394-1395, USB Type A and B, USB OTG (On-the-Go) mini-B, Micro USB-B
logo
Molex Electronics Ltd.
74320-9010 MOLEX8-74320-9010 Datasheet
259Kb / 4P
   MicroCross??DVI-I Digital/Analog Visual Interface, PCB Receptacle, Panel MountThrough Hole, Right Angle, with Beveled Metal Pins, 0.76關m (30關") Gold (Au), Lead
More results

Similar Description - 74320-9010

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
TOL-13718 SPARKFUN-TOL-13718 Datasheet
103Kb / 2P
   Shapeoko Deluxe Kit
11/24/2015
logo
Switchcraft, Inc.
EH1PKG SWITCH-EH1PKG Datasheet
195Kb / 1P
   AUDIO VIDEO DATA PANEL CONNECTORS
logo
SparkFun Electronics
TOL-11805 SPARKFUN-TOL-11805 Datasheet
113Kb / 2P
   SparkFun Deluxe Tool Kit
7????9
logo
Switchcraft, Inc.
EH35MMMSC SWITCH-EH35MMMSC Datasheet
875Kb / 4P
   EH Series Audio/Video/Data CONNECTORS
logo
Pomona Electronics
6173A POMONA-6173A Datasheet
198Kb / 2P
   Deluxe Industrial Test Companion Kit
6345 POMONA-6345 Datasheet
79Kb / 1P
   Deluxe Electronic Test Companion Kit
logo
Belden Inc.
1347A BELDEN-1347A Datasheet
224Kb / 2P
   Composite Data, Audio, Video, Security and Control
05-05-2023
logo
IOGEAR
GVE600W6 IOGEAR-GVE600W6 Datasheet
146Kb / 2P
   DVI Video Extender Kit (CAT 5e/6) with Audio
logo
Pomona Electronics
5674C POMONA-5674C Datasheet
164Kb / 2P
   Deluxe Electronic DMM Test Lead kit
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com