Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F1206A0R25FWTR Datasheet(PDF) 10 Page - AVX Corporation

Part # F1206A0R25FWTR
Description  SMD Thin-Film Fuse
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

F1206A0R25FWTR Datasheet(HTML) 10 Page - AVX Corporation

Back Button F1206A0R25FWTR Datasheet HTML 4Page - AVX Corporation F1206A0R25FWTR Datasheet HTML 5Page - AVX Corporation F1206A0R25FWTR Datasheet HTML 6Page - AVX Corporation F1206A0R25FWTR Datasheet HTML 7Page - AVX Corporation F1206A0R25FWTR Datasheet HTML 8Page - AVX Corporation F1206A0R25FWTR Datasheet HTML 9Page - AVX Corporation F1206A0R25FWTR Datasheet HTML 10Page - AVX Corporation F1206A0R25FWTR Datasheet HTML 11Page - AVX Corporation F1206A0R25FWTR Datasheet HTML 12Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
32
Fig. 2c. Choice of 0.75A fuse, example #2.
Pre-arcing I2t
Maximum I2t design rule
I2t for sample switch-on pulse
Accu-Guard®
SMD Thin-Film Fuse
t
l max.
Fig. 1a. Sine wave pulse parameters for Joule
integral calculation, example #1.
Thus, for the current pulse in Figure 1b, the Joule integral is
[(4.8A)2 x 7.7 x 10-6 sec]/2 = 8.9 x 10-5 A2 sec.
The pulse duration is 7.7μsec. We must find a fuse that can
absorb at least 8.9 x 10-5 X 2 = 1.8 x 10-4 A2sec Joule inte-
gral within 7.7 μsec without actuation. According to the I2t
graph on page 6, pre-arcing Joule integral is 2.3x10-4 A2sec
for the 0.5A fuse, which is slightly more than needed. The
next lower rating (0.375A), has only 6x10-5 A2sec, which is
not enough. Therefore, 0.5A fuse should be chosen for this
application, see Figure 1c.
FUSE PRE-ARCING JOULE INTEGRALS
vs. PRE-ARCING TIME
2. Triangular current pulse
The Joule integral for triangular pulse is
[(Imax.)2 x t]/3,
see Fig. 2a.
Fig. 2a. Triangular pulse parameters for Joule
integral calculation, example #2.
t
l max.
Thus, for the current pulse in Figure 2b, the Joule integral is
[(1.5A)2 x 3 x 10-3 sec]/3 = 2.25 x 10-3 A2sec.
Fig. 1b. Sine wave pulse, example #1.
Fig. 2b. Triangular pulse, example #2.
The pulse duration is 3 msec. In the I2t graph on page 6, pre-
arcing Joule integral for 3 msec pulse is 4 x 10-3A2sec for the
0.5A fuse (not enough) and 2 x 10-2 for the 0.75A fuse (more
than enough). Therefore, 0.75A fuse should be chosen for
this application, see Figure 2c.
FUSE PRE-ARCING JOULE INTEGRALS
vs. PRE-ARCING TIME
0.75A
PRE-ARCING TIME l2t, A2 sec
PRE-ARCING TIME, sec
100
10
1
10-1
10-2
10-3
10-4
10-5
10-7
10-6
10-5
10-4
10-3
10-2
10-1
110
x
X
10 μsec/div
1A/div
2 msec/div
0.5A/div
0.5A
PRE-ARCING TIME l2t, A2 sec
PRE-ARCING TIME, sec
100
10
1
10-1
10-2
10-3
10-4
10-5
10-7
10-6
10-5
10-4
10-3
10-2
10-1
110
x
X
Fig. 1c. Choice of 0.5A fuse, example #1.
Pre-arcing I2t
Maximum I2t design rule
I2t for sample current pulse
DESIGNING FOR CURRENT
PULSE SITUATIONS
1. Sine wave current pulse
The Joule integral for sine wave pulse is
[(I
max.)
2 x t]/2,
see Fig. 1a.


Similar Part No. - F1206A0R25FWTR

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
F1206A0R25FWTR AVX-F1206A0R25FWTR Datasheet
195Kb / 12P
   SMD Thin-Film Fuse
More results

Similar Description - F1206A0R25FWTR

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
F0402E0R25FSTR AVX-F0402E0R25FSTR_17 Datasheet
214Kb / 17P
   SMD Thin-Film Fuse
F1206A AVX-F1206A Datasheet
195Kb / 12P
   SMD Thin-Film Fuse
F1206A0R20FSTR AVX-F1206A0R20FSTR Datasheet
315Kb / 23P
   Accu-Guard, SMD Thin-Film Fuse
F1206B3R00FSTR AVX-F1206B3R00FSTR Datasheet
195Kb / 12P
   Accu-Guard SMD Thin-Film Fuse
F0402E AVX-F0402E Datasheet
285Kb / 18P
   Accu-Guard SMD Thin-Film Fuse
F1206B0R25FSTR AVX-F1206B0R25FSTR Datasheet
266Kb / 17P
   Accu-Guard짰 II SMD Thin-Film Fuse
logo
List of Unclassifed Man...
CP04V3TR50 ETC-CP04V3TR50 Datasheet
1Mb / 17P
   Thin Film Chip Fuse
logo
Vishay Siliconix
MFUAT VISHAY-MFUAT Datasheet
120Kb / 8P
   Thin Film Chip Fuse
01-Jan-2022
logo
List of Unclassifed Man...
CH06V5TR50 ETC-CH06V5TR50 Datasheet
683Kb / 13P
   Thin Film Chip Fuse
logo
American Accurate Compo...
TCFQ05-V2-R501R0M AAC-TCFQ05-V2-R501R0M Datasheet
370Kb / 3P
   THIN FILM CHIP FUSE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com