Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICX076AK Datasheet(PDF) 1 Page - Sony Corporation

Part # ICX076AK
Description  Diagonal 3.6mm (Type 1/5) CCD Image Sensor for NTSC Color Video Cameras
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

ICX076AK Datasheet(HTML) 1 Page - Sony Corporation

  ICX076AK Datasheet HTML 1Page - Sony Corporation ICX076AK Datasheet HTML 2Page - Sony Corporation ICX076AK Datasheet HTML 3Page - Sony Corporation ICX076AK Datasheet HTML 4Page - Sony Corporation ICX076AK Datasheet HTML 5Page - Sony Corporation ICX076AK Datasheet HTML 6Page - Sony Corporation ICX076AK Datasheet HTML 7Page - Sony Corporation ICX076AK Datasheet HTML 8Page - Sony Corporation ICX076AK Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
Description
The ICX076AK is an interline CCD solid-state
image
sensor
suitable
for
NTSC
color
video
cameras. This device possesses a number of pixels
that is compatible with SIF, and offers excellent cost
performance due to the adoption of an ultra-small
image size and a 10 mm-square 14-pin plastic
package. High sensitivity and low dark current are
achieved through the use of Ye, Cy, Mg, and G
complementary color mosaic filters and through the
adoption of HAD (Hole-Accumulation Diode) sensors.
This chip features a field period readout system
and an electronic shutter with variable charge-
storage time.
Features
• High sensitivity and low dark current
• Low smear
• Excellent antiblooming characteristics
• Ye, Cy, Mg, and G complementary color mosaic filters on chip
• Horizontal register:
5V drive (drive frequency: 6.75MHz)
• Reset gate:
5V drive (no adjustment of bias)
Device Structure
• Image size:
Diagonal 3.6mm (Type 1/5)
• Number of effective pixels:
362 (H)
× 492 (V) approx. 180K pixels
• Total number of pixels:
381 (H)
× 506 (V) approx. 190K pixels
• Interline CCD image sensor
• Chip size:
3.75mm (H)
× 3.30mm (V)
• Unit cell size:
8.10µm (H)
× 4.45µm (V)
• Optical black:
Horizontal (H) direction: Front 2 pixels, rear 17 pixels
Vertical (V)
direction: Front 12 pixels, rear 2 pixels
• Number of dummy bits:
Horizontal
14
Vertical
1 (even fields only)
• Substrate material:
Silicon
– 1 –
ICX076AK
E95506D99
Diagonal 3.6mm (Type 1/5) CCD Image Sensor for NTSC Color Video Cameras
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by
any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the
operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
Pin 1
V
2
17
2
12
Pin 8
H
Optical black position
(Top View)
14 pin DIP (Plastic)


Similar Part No. - ICX076AK

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX076AL SONY-ICX076AL Datasheet
250Kb / 18P
   Diagonal 3.6mm (Type 1/5) CCD Image Sensor for EIA Black-and-White Video Cameras
More results

Similar Description - ICX076AK

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX077AK SONY-ICX077AK Datasheet
259Kb / 19P
   Diagonal 3.6mm (Type 1/5) CCD Image Sensor for PAL Color Video Cameras
ICX038DNA SONY-ICX038DNA Datasheet
227Kb / 21P
   Diagonal 8mm (Type 1/2) CCD Image Sensor for NTSC Color Video Cameras
ICX088AK SONY-ICX088AK Datasheet
261Kb / 18P
   Diagonal 4.5mm (Type 1/4) CCD Image Sensor for NTSC Color Video Cameras
ICX428AKL SONY-ICX428AKL Datasheet
188Kb / 21P
   Diagonal 8mm (Type 1/2) CCD Image Sensor for NTSC Color Video Cameras
ICX080AK SONY-ICX080AK Datasheet
223Kb / 19P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for NTSC Color Video Cameras
ICX206AKB SONY-ICX206AKB Datasheet
193Kb / 17P
   Diagonal 4.5mm (Type 1/4) CCD Image Sensor for NTSC Color Video Cameras
ICX258AK SONY-ICX258AK Datasheet
198Kb / 18P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for NTSC Color Video Cameras
ICX278AK SONY-ICX278AK Datasheet
203Kb / 19P
   Diagonal 4.5mm (Type 1/4) CCD Image Sensor for NTSC Color Video Cameras
ICX418AKL SONY-ICX418AKL Datasheet
184Kb / 21P
   Diagonal 8mm (Type 1/2) CCD Image Sensor for NTSC Color Video Cameras
ICX226AK SONY-ICX226AK Datasheet
257Kb / 18P
   Diagonal 4.5mm (Type 1/4) CCD Image Sensor for NTSC Color Video Cameras
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com