Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ICX074AL Datasheet(PDF) 1 Page - Sony Corporation

Part No. ICX074AL
Description  Diagonal 8mm (Type 1/2) Progressive Scan CCD Image Sensor with Square Pixel for EIA B/W Video Cameras
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

ICX074AL Datasheet(HTML) 1 Page - Sony Corporation

  ICX074AL Datasheet HTML 1Page - Sony Corporation ICX074AL Datasheet HTML 2Page - Sony Corporation ICX074AL Datasheet HTML 3Page - Sony Corporation ICX074AL Datasheet HTML 4Page - Sony Corporation ICX074AL Datasheet HTML 5Page - Sony Corporation ICX074AL Datasheet HTML 6Page - Sony Corporation ICX074AL Datasheet HTML 7Page - Sony Corporation ICX074AL Datasheet HTML 8Page - Sony Corporation ICX074AL Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
Description
The ICX074AL is an interline CCD solid-state
image sensor suitable for EIA black-and-white video
cameras. Progressive scan allows all pixels signals
to be output independently within approximately
1/60 second. This chip features an electronic shutter
with variable charge-storage time which makes it
possible
to realize full-frame still image without
mechanical shutter. Individual pixels in a square
matrix make this device suitable for image input and
processing applications.
High sensitivity and low dark current are achieved
through the adoption of HAD (Hole-Accumulation
Diode) sensors.
Features
• Progressive scan allows individual readout of the
image signals from all pixels.
• High vertical resolution (480TV-lines) still picture
without mechanical shutter.
• Square pixel unit cell
• VGA format-compatible
• High resolution, high sensitivity, low dark current
• Continuous variable-speed shutter
• Low smear
• Excellent antiblooming characteristics
• Reset gate: 5V drive (bias: no adjustment)
Device Structure
• Image size:
Diagonal 8mm (Type 1/2)
• Number of effective pixels:
659 (H)
× 494 (V)
approx. 330K pixels
• Total number of pixels:
692 (H)
× 504 (V)
approx. 350K pixels
• Interline CCD image sensor
• Chip size:
8.10mm (H)
× 6.33mm (V)
• Unit cell size:
9.9µm (H)
× 9.9µm (V)
• Optical black:
Horizontal (H) direction: Front 2pixels, rear 31pixels
Vertical (V) direction:
Front 8pixels, rear 2pixels
• Number of dummy bits:
Horizontal 16
Vertical 5
• Substrate material:
Silicon
– 1 –
ICX074AL
E94478H99
Diagonal 8mm (Type 1/2) Progressive Scan CCD Image Sensor with Square Pixel for EIA B/W Video Cameras
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by
any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the
operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
22 pin DIP (Cer-DIP)
Pin 1
V
2
31
2
8
Pin 12
H
Optical black position
(Top View)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
ICX075AL Diagonal 8mm Type 1/2 Progressive Scan CCD Image Sensor with Square Pixel for CCIR B/W Video Cameras 1  2  3  4  5  More Sony Corporation
ICX074AK Diagonal 8mm Type 1/2 Progressive Scan CCD Image Sensor with Square Pixel for Color Video Cameras 1  2  3  4  5  More Sony Corporation
ICX075AK Diagonal 8mm Type 1/2 Progressive Scan CCD Image Sensor with Square Pixel for Color Video Cameras 1  2  3  4  5  More Sony Corporation
ICX205AL Diagonal 8mm Type 1/2 Progressive Scan CCD Image Sensor with Square Pixel for B/W Cameras 1  2  3  4  5  More Sony Corporation
ICX415AQ Diagonal 8mm Type 1/2 Progressive Scan CCD Image Sensor with Square Pixel for Color Cameras 1  2  3  4  5  More Sony Corporation
ICX414AQ Diagonal 8mm Type 1/2 Progressive Scan CCD Image Sensor with Square Pixel for Color Cameras 1  2  3  4  5  More Sony Corporation
ICX274AL Diagonal 8.923mm Type 1/1.8 Progressive Scan CCD Image Sensor with Square Pixel for B/W Video Cameras 1  2  3  4  5  More Sony Corporation
ICX414AL Diagonal 8mm Progressive Scan CCD Solid-state Image Sensor with Square Pixel for EIA B/W Cameras 1  2  3  4  5  More Sony Corporation
ICX267AK Diagonal 8mm Type 1/2 Progressive Scan CCD Image Sensor with Square Pixel for Color Cameras 1  2  3  4  5  More Sony Corporation
ICX098AK Diagonal 4.5mm Type 1/4 Progressive Scan CCD Image Sensor with Square Pixel for Color Cameras 1  2  3  4  5  More Sony Corporation

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn