Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ICX074AL Datasheet(PDF) 4 Page - Sony Corporation

Part No. ICX074AL
Description  Diagonal 8mm (Type 1/2) Progressive Scan CCD Image Sensor with Square Pixel for EIA B/W Video Cameras
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

ICX074AL Datasheet(HTML) 4 Page - Sony Corporation

  ICX074AL Datasheet HTML 1Page - Sony Corporation ICX074AL Datasheet HTML 2Page - Sony Corporation ICX074AL Datasheet HTML 3Page - Sony Corporation ICX074AL Datasheet HTML 4Page - Sony Corporation ICX074AL Datasheet HTML 5Page - Sony Corporation ICX074AL Datasheet HTML 6Page - Sony Corporation ICX074AL Datasheet HTML 7Page - Sony Corporation ICX074AL Datasheet HTML 8Page - Sony Corporation ICX074AL Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
– 4 –
ICX074AL
1 Indications of substrate voltage (V
SUB
) setting value
The setting value of the substrate voltage is indicated on the back of image sensor by a special code.
Adjust the substrate voltage (VSUB) to the indicated voltage.
VSUB code — two characters indication
Integer portion
Decimal portion
The integer portion of the code and the actual value correspond to each other as follows.
Item
VDD
VSUB
VL
14.55
9.0
Indicated
voltage –0.1
15.45
18.5
Indicated
voltage +0.1
15.0
Indicated
voltage
2
V
V
V
1
Symbol
Min.
Typ.
Max.
Unit
Remarks
Bias Conditions
DC Characteristics
Value
9
10 11 12 13 14
15 16 17 18
9
A
C
d
E
f
G
h
J
K
<Example> "A5"
→ VSUB = 10.5V.
2 V
L
setting is the VVL voltage of the vertical transfer clock waveform, or the same power supply as the VL
power supply for the V driver should be used.
3 (1) Current to each pin when 18V is applied to V
DD
, VOUT1, VOUT2, HIS, RG, CGG1, CGG2, GND and SUB
pins, while pins that are not tested are grounded.
(2) Current to each pin when 20V is applied sequentially to V
φ1, Vφ2 and Vφ3 pins, while pins that are not
tested are grounded. However, 20V is applied to SUB pin.
(3) Current to each pin when 15V is applied sequentially to RG, H
φ1 and Hφ2 pins, while pins that are not
tested are grounded. However, 15V is applied to SUB pin.
(4) Current to VL pin when 25V is applied to V
φ2, Vφ3, POGφ, HIGφ1, HIG2, VDD, VOUT1 and VOUT2 pins or
when, 15V is applied to V
φ1, VHOLDφ, VOGφ, CGG1, CGG2, Hφ1, Hφ2, HHGφ1 and HHGφ2 pins, while VL
pin is grounded. However, GND and SUB pins are left open.
(5) Current to GND pin when 20V is applied to the RG pin and the GND pin is grounded.
4 Current to SUB pin when 55V is applied to SUB pin, while all pins that are not tested are grounded.
Supply voltage
Substrate voltage
adjustment range
Substrate voltage
adjustment precision
Protective transistor bias
Item
Supply current
Input current
Input current
IDD
IIN1
IIN2
10
1
10
mA
µA
µA
3
4
Symbol
Min.
Typ.
Max.
Unit
Remarks
Integer portion of code


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
ICX075AL Diagonal 8mm Type 1/2 Progressive Scan CCD Image Sensor with Square Pixel for CCIR B/W Video Cameras 1  2  3  4  5  More Sony Corporation
ICX074AK Diagonal 8mm Type 1/2 Progressive Scan CCD Image Sensor with Square Pixel for Color Video Cameras 1  2  3  4  5  More Sony Corporation
ICX075AK Diagonal 8mm Type 1/2 Progressive Scan CCD Image Sensor with Square Pixel for Color Video Cameras 1  2  3  4  5  More Sony Corporation
ICX205AL Diagonal 8mm Type 1/2 Progressive Scan CCD Image Sensor with Square Pixel for B/W Cameras 1  2  3  4  5  More Sony Corporation
ICX415AQ Diagonal 8mm Type 1/2 Progressive Scan CCD Image Sensor with Square Pixel for Color Cameras 1  2  3  4  5  More Sony Corporation
ICX414AQ Diagonal 8mm Type 1/2 Progressive Scan CCD Image Sensor with Square Pixel for Color Cameras 1  2  3  4  5  More Sony Corporation
ICX274AL Diagonal 8.923mm Type 1/1.8 Progressive Scan CCD Image Sensor with Square Pixel for B/W Video Cameras 1  2  3  4  5  More Sony Corporation
ICX414AL Diagonal 8mm Progressive Scan CCD Solid-state Image Sensor with Square Pixel for EIA B/W Cameras 1  2  3  4  5  More Sony Corporation
ICX267AK Diagonal 8mm Type 1/2 Progressive Scan CCD Image Sensor with Square Pixel for Color Cameras 1  2  3  4  5  More Sony Corporation
ICX098AK Diagonal 4.5mm Type 1/4 Progressive Scan CCD Image Sensor with Square Pixel for Color Cameras 1  2  3  4  5  More Sony Corporation

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn