Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICX074AL Datasheet(PDF) 20 Page - Sony Corporation

Part # ICX074AL
Description  Diagonal 8mm (Type 1/2) Progressive Scan CCD Image Sensor with Square Pixel for EIA B/W Video Cameras
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

ICX074AL Datasheet(HTML) 20 Page - Sony Corporation

Back Button ICX074AL Datasheet HTML 13Page - Sony Corporation ICX074AL Datasheet HTML 14Page - Sony Corporation ICX074AL Datasheet HTML 15Page - Sony Corporation ICX074AL Datasheet HTML 16Page - Sony Corporation ICX074AL Datasheet HTML 17Page - Sony Corporation ICX074AL Datasheet HTML 18Page - Sony Corporation ICX074AL Datasheet HTML 19Page - Sony Corporation ICX074AL Datasheet HTML 20Page - Sony Corporation ICX074AL Datasheet HTML 21Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 20 / 21 page
background image
– 20 –
ICX074AL
c) The adhesive may cause the marking on the rear surface to disappear, especially in case the regulated
voltage value is indicated on the rear surface. Therefore, the adhesive should not be applied to this area,
and indicated values should be transferred to other locations as a precaution.
d) The upper and lower ceramic are joined by low melting point glass. Therefore, care should be taken not
to perform the following actions as this may cause cracks.
• Applying repeated bending stress to the outer leads.
• Heating the outer leads for an extended period with a soldering iron.
• Rapidly cooling or heating the package.
• Applying any load or impact to a limited portion of the low melting point glass using tweezers or other
sharp tools.
• Prying at the upper or lower ceramic using the low melting point glass as a fulcrum.
Note that the same cautions also apply when removing soldered products from boards.
e) Acrylate anaerobic adhesives are generally used to attach CCD image sensors. In addition, cyano-
acrylate instantaneous adhesives are sometimes used jointly with acrylate anaerobic adhesives.
(reference)
5) Others
a) Do not expose to strong light (sun rays) for long periods. For continuous using under cruel condition
exceeding the normal using condition, consult our company.
b) Exposure to high temperature or humidity will affect the characteristics. Accordingly avoid storage or
usage in such conditions.


Similar Part No. - ICX074AL

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX074AK SONY-ICX074AK Datasheet
243Kb / 21P
   Diagonal 8mm (Type 1/2) Progressive Scan CCD Image Sensor with Square Pixel for Color Video Cameras
More results

Similar Description - ICX074AL

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX205AL SONY-ICX205AL Datasheet
298Kb / 22P
   Diagonal 8mm (Type 1/2) Progressive Scan CCD Image Sensor with Square Pixel for B/W Cameras
ICX075AL SONY-ICX075AL Datasheet
273Kb / 21P
   Diagonal 8mm (Type 1/2) Progressive Scan CCD Image Sensor with Square Pixel for CCIR B/W Video Cameras
ICX414AL SONY-ICX414AL Datasheet
278Kb / 30P
   Diagonal 8mm Progressive Scan CCD Solid-state Image Sensor with Square Pixel for EIA B/W Cameras
ICX075AK SONY-ICX075AK Datasheet
278Kb / 21P
   Diagonal 8mm (Type 1/2) Progressive Scan CCD Image Sensor with Square Pixel for Color Video Cameras
ICX074AK SONY-ICX074AK Datasheet
243Kb / 21P
   Diagonal 8mm (Type 1/2) Progressive Scan CCD Image Sensor with Square Pixel for Color Video Cameras
ICX267AK SONY-ICX267AK Datasheet
351Kb / 29P
   Diagonal 8mm (Type 1/2) Progressive Scan CCD Image Sensor with Square Pixel for Color Cameras
ICX415AQ SONY-ICX415AQ Datasheet
261Kb / 28P
   Diagonal 8mm (Type 1/2) Progressive Scan CCD Image Sensor with Square Pixel for Color Cameras
ICX414AQ SONY-ICX414AQ Datasheet
281Kb / 29P
   Diagonal 8mm (Type 1/2) Progressive Scan CCD Image Sensor with Square Pixel for Color Cameras
ICX274AL SONY-ICX274AL Datasheet
916Kb / 71P
   Diagonal 8.923mm (Type 1/1.8) Progressive Scan CCD Image Sensor with Square Pixel for B/W Video Cameras
ICX415AL SONY-ICX415AL Datasheet
282Kb / 30P
   Diagonal 8mm (Type 1/2) Progressive Scan CCD Solid-state Image Sensor with Square Pixel for CCIR B/W Cameras
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com