Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OKX-T5-W5 Datasheet(PDF) 10 Page - Murata Power Solutions Inc.

Part # OKX-T5-W5
Description  Adjustable 5-Amp SIP Non-Isolated DC/DC Converters
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

OKX-T5-W5 Datasheet(HTML) 10 Page - Murata Power Solutions Inc.

Back Button OKX-T5-W5 Datasheet HTML 5Page - Murata Power Solutions Inc. OKX-T5-W5 Datasheet HTML 6Page - Murata Power Solutions Inc. OKX-T5-W5 Datasheet HTML 7Page - Murata Power Solutions Inc. OKX-T5-W5 Datasheet HTML 8Page - Murata Power Solutions Inc. OKX-T5-W5 Datasheet HTML 9Page - Murata Power Solutions Inc. OKX-T5-W5 Datasheet HTML 10Page - Murata Power Solutions Inc. OKX-T5-W5 Datasheet HTML 11Page - Murata Power Solutions Inc. OKX-T5-W5 Datasheet HTML 12Page - Murata Power Solutions Inc. OKX-T5-W5 Datasheet HTML 13Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
STANDARD PACKAGING
Third Angle Projection
Dimensions are in inches (mm shown for ref. only).
Components are shown for reference only.
Tolerances (unless otherwise specified):
.XX ± 0.02 (0.5)
.XXX ± 0.010 (0.25)
Angles ± 1˚
Carton accommodates four (4) trays of 75 yielding 300 converters per carton.
Each static dissipative polyethylene foam tray
accommodates 75 converters
10.50±.25
(266.7)
11.00 ±.25
(279.4)
2.75±.25 (69.85)
Closed height
OKX T/5-W5 Series
Adjustable 5-Amp SIP Non-Isolated DC/DC Converters
MDC_OKX_T/5-W5 Series.A01 Page 10 of 13
www.murata-ps.com/support


Similar Part No. - OKX-T5-W5

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
OKX-T5-D12 MURATA-PS-OKX-T5-D12 Datasheet
2Mb / 15P
   Adjustable 5-Amp SIP Non-Isolated DC/DC Converters
More results

Similar Description - OKX-T5-W5

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
OKX-T5-D12 MURATA-PS-OKX-T5-D12 Datasheet
2Mb / 15P
   Adjustable 5-Amp SIP Non-Isolated DC/DC Converters
OKX-T3-D12 MURATA-PS-OKX-T3-D12 Datasheet
2Mb / 15P
   Adjustable 3-Amp SIP Non-Isolated DC/DC Converters
OKX-T3-W5 MURATA-PS-OKX-T3-W5 Datasheet
750Kb / 15P
   Adjustable 3-Amp SIP Non-Isolated DC/DC Converters
logo
Murata Manufacturing Co...
MPDTH03060WAH MURATA-MPDTH03060WAH Datasheet
177Kb / 6P
   Adjustable Non-isolated 10-Amp POLA DC/DC Converters
NEA-NEF010 MURATA-NEA-NEF010 Datasheet
795Kb / 18P
   Non-Isolated 10A SIP DC/DC Converters
LSN-T10-D12J MURATA-LSN-T10-D12J Datasheet
384Kb / 12P
   Single Adjustable Output, Non-isolated, 12Vin, 10A, SIP, DC/DC Converters
MPDTH03010WAH MURATA-MPDTH03010WAH Datasheet
151Kb / 6P
   Adjustable Non-isolated 12/15-Amp POLA DC/DC Converters
logo
Murata Power Solutions ...
NCA005 MURATA-PS-NCA005 Datasheet
895Kb / 23P
   Non-Isolated 5A SIP/SMT DC/DC Converters
NEA016 MURATA-PS-NEA016 Datasheet
1Mb / 25P
   Non-Isolated 16A SIP/SMT DC/DC Converters
logo
Murata Manufacturing Co...
NCA015 MURATA-NCA015 Datasheet
372Kb / 22P
   Non-Isolated 15A SIP/SMT DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com