Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MK30DX256YY10 Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # MK30DX256YY10
Description  Low-power MCUs with segment LCD
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MK30DX256YY10 Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  MK30DX256YY10 Datasheet HTML 1Page - Freescale Semiconductor, Inc MK30DX256YY10 Datasheet HTML 2Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Benefits
Features
K30 Family Options
One-Stop Enablement
Offering—MCU + IDE + RTOS
Freescale Tower System hardware
development environment:
• Integrateddevelopmentenvironments
Eclipse-basedCodeWarriorV10.xIDE
and Processor Expert
IAREmbeddedWorkbench
Keil MDK
CodeSourcery Sourcery G++ (GNU)
• RuntimesoftwareandRTOS
Math, DSP and encryption libraries
Motor control libraries
Complimentary bootloaders (USB,
Ethernet, RF, serial)
Complimentary Freescale embedded
GUI
Complimentary Freescale MQX™
Cost-effective Nano™ SSL/Nano™
SSHforFreescaleMQXRTOS
MicriumµC/OS-III
Express Logic ThreadX
SEGGER embOS
freeRTOS
Mocana (security)
• FullARM® ecosystem
Freescale, the Freescale logo, CodeWarrior, the Energy Efficient Solutions logo, Kinetis and Processor Expert are trademarks
of Freescale Semiconductor, Inc., Reg. U.S. Pat. & Tm. Off. Xtrinsic is a trademark of Freescale Semiconductor, Inc. ARM is the
registered trademark of ARM Limited. ARM Cortex-M4 is the trademark of ARM Limited. All other product or service names are the
property of their respective owners. © 2011, 2012 Freescale Semiconductor, Inc.
Doc Number: KNTSK30FMLYFS REV 7
For current information about Kinetis products and documentation,
please visit freescale.com/Kinetis
yy = package designator
*144-pin only
• ARM® Cortex™-M4 core with DSP
instruction support
• Upto16-channelDMA.Crossbar
switch
• Upto100MHzcoresupportingabroadrangeofprocessing
bandwidth needs
• PeripheralandmemoryservicingwithreducedCPUloading
• Concurrentmulti-masterbusaccessesforincreasedbus
bandwidth
• Flexible,low-powerLCDcontroller
with support for up to 320
segments (40 x 8 or 44 x 4)
• LCDblinkmodeenableslowaveragepowerwhileremainingin
low-power mode
• Segmentfaildetectguardsagainsterroneousreadoutsand
reduces LCD test costs
• Frontplane/backplanereassignmentprovidespin-outflexibility,
easing PCB design and allows LCD configuration changes via
firmware with no hardware re-work
• Supportsmultiple3Vand5VLCDpanelsizeswithfewer
segments (pins) than competitive controllers and no external
components
• UnusedLCDpinscanbeconfiguredasotherGPIOfunctions
• Low-powercapacitivetouch-
sensing interface
• Provideamodernupgradefrommechanicaltotouchkeypad,
rotary and slider user interfaces and operates in all low-power
modeswithminimalcurrentadded.Supportsupto16inputs
• 10ultra-low-powermodeswith
flashprogrammingandanalog
operation down to 1.71 V
• Low-powertimer,low-powerRTC,
low-leakage wake-up unit
• Peripheralactivityandwake-uptimescanbeoptimizedtosuit
application requirements, enabling extended battery life (Stop
currentsof<500nA,runcurrentsof<200μA/MHz,4µswake-up
from Stop)
• Continualdeviceoperationinreducedpowerstateswithflexible
wake-up options
• Memoryprotectionunit
• Hardwarecyclicredundancycheck
engine
• Independent-clockedCOP.
External watchdog monitor
• Providesmemoryprotectionforallcrossbarswitchmasters,
increasing software reliability
• Validatesmemorycontentsandcommunicationdata,increasing
system reliability
• Preventscoderunawayinfail-safeapplications.Drivesoutputpin
to safe state external components if watchdog event occurs
• 64–512KBflash.Upto128KBof
SRAM
• 32–256KBFlexMemory
• Highreliability,fastaccessprogrammemorywith4-levelsecurity
protection.Independentflashbanksallowconcurrentcode
execution and firmware updating
• FlexMemoryprovides32bytes–4KBofuser-segmentablebyte
write/eraseEEPROM.Inaddition,FlexNVM32–256KBforextra
program code, data or EEPROM backup
Part Number
Memory
Features
Packages
LH
LK
LL
MC
LQ
MD
MK30DN512Vyy10
100
512
128
*
Segment LCD (up to 40 x 8/44 x 4)
MK30DX64Vyy7
72
64
32
16
Segment LCD (up to 24 x 8/28 x 4)
MK30DX128Vyy7
72
128
32
32
Segment LCD (up to 38 x 8/42 x 4)
MK30DX256Vyy7
72
256
32
64
Segment LCD (up to 38 x 8/42 x 4)
MK30DX128yy10
100
128
128
32
Segment LCD (up to 40 x 8/44 x 4)
MK30DX256yy10
100
256
256
64
Segment LCD (up to 40 x 8/44 x 4)


Similar Part No. - MK30DX256YY10

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MK30DX256VLH7 FREESCALE-MK30DX256VLH7 Datasheet
1Mb / 68P
   K30 Sub-Family
MK30DX256VLK7 FREESCALE-MK30DX256VLK7 Datasheet
1Mb / 72P
   K30 Sub-Family
MK30DX256VLL7 FREESCALE-MK30DX256VLL7 Datasheet
1Mb / 72P
   K30 Sub-Family
MK30DX256VLQ10 FREESCALE-MK30DX256VLQ10 Datasheet
1Mb / 78P
   K30 Sub-Family
MK30DX256VMB7 FREESCALE-MK30DX256VMB7 Datasheet
1Mb / 72P
   K30 Sub-Family
More results

Similar Description - MK30DX256YY10

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MK40DN512VYY10 FREESCALE-MK40DN512VYY10 Datasheet
402Kb / 2P
   Low-power MCUs with USB and LCD
TWR-K40X256 FREESCALE-TWR-K40X256 Datasheet
391Kb / 8P
   Low-power MCU with USB and segment LCD
logo
Rohm
BU91600FV-M ROHM-BU91600FV-M Datasheet
4Mb / 67P
   Low Duty LCD Segment Driver
BU9795BGUW ROHM-BU9795BGUW Datasheet
1Mb / 29P
   Low Duty LCD Segment Driver
BU91520KV-M ROHM-BU91520KV-M Datasheet
3Mb / 45P
   Low Duty LCD Segment Driver
BU97960MUV ROHM-BU97960MUV Datasheet
2Mb / 33P
   Low Duty LCD Segment Drivers
BU91R63CH-M3BW ROHM-BU91R63CH-M3BW Datasheet
2Mb / 37P
   Low Duty LCD Segment Driver
BU97950AFUV ROHM-BU97950AFUV Datasheet
2Mb / 33P
   Low Duty LCD Segment Drivers
logo
Freescale Semiconductor...
MK20DN32VYY5 FREESCALE-MK20DN32VYY5 Datasheet
429Kb / 2P
   Low-power MCUs with USB On-The-Go
logo
Rohm
BU9794KV ROHM-BU9794KV Datasheet
702Kb / 23P
   For 200 Segment type LCD LCD Segment Driver
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com