Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1091LUB-066+ Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # DS1091LUB-066+
Description  Automotive Temperature Range Spread-Spectrum EconOscillator™
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1091LUB-066+ Datasheet(HTML) 9 Page - Maxim Integrated Products

  DS1091LUB-066+ Datasheet HTML 1Page - Maxim Integrated Products DS1091LUB-066+ Datasheet HTML 2Page - Maxim Integrated Products DS1091LUB-066+ Datasheet HTML 3Page - Maxim Integrated Products DS1091LUB-066+ Datasheet HTML 4Page - Maxim Integrated Products DS1091LUB-066+ Datasheet HTML 5Page - Maxim Integrated Products DS1091LUB-066+ Datasheet HTML 6Page - Maxim Integrated Products DS1091LUB-066+ Datasheet HTML 7Page - Maxim Integrated Products DS1091LUB-066+ Datasheet HTML 8Page - Maxim Integrated Products DS1091LUB-066+ Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
DS1091L
Automotive Temperature Range
Spread-Spectrum EconOscillator™
Maxim Integrated cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim Integrated product. No circuit patent
licenses are implied. Maxim Integrated reserves the right to change the circuitry and specifications without notice at any time. The parametric values (min and
max limits) shown in the Electrical Characteristics table are guaranteed. Other parametric values quoted in this data sheet are provided for guidance.
Maxim Integrated 160 Rio Robles, San Jose, CA 95134 USA 1-408-601-1000
9
© 2012 Maxim Integrated Products, Inc.
Maxim Integrated and the Maxim Integrated logo are trademarks of Maxim Integrated Products, Inc.
Revision History
REVISION
NUMBER
REVISION
DATE
DESCRIPTION
PAGES
CHANGED
0
9/06
Initial release
1
3/11
Added the continuous power dissipation numbers, lead temperature, and soldering tem-
perature to the Absolute Maximum Ratings section; updated the custom frequency tech-
nical support information; updated the Ordering Information table; added the land pattern
no. to the Package Information table
1, 2, 7
2
9/11
Updated the Ordering Information table
7


Similar Part No. - DS1091LUB-066+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1091LUB+027 MAXIM-DS1091LUB+027 Datasheet
121Kb / 6P
   Automotive Temperature Range Spread-Spectrum Econoscillator
Rev 0; 9/06
DS1091LUB+033 MAXIM-DS1091LUB+033 Datasheet
121Kb / 6P
   Automotive Temperature Range Spread-Spectrum Econoscillator
Rev 0; 9/06
DS1091LUB+066 MAXIM-DS1091LUB+066 Datasheet
121Kb / 6P
   Automotive Temperature Range Spread-Spectrum Econoscillator
Rev 0; 9/06
DS1091LUB+XXX MAXIM-DS1091LUB+XXX Datasheet
121Kb / 6P
   Automotive Temperature Range Spread-Spectrum Econoscillator
Rev 0; 9/06
More results

Similar Description - DS1091LUB-066+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1091L MAXIM-DS1091L_13 Datasheet
1Mb / 9P
   Automotive Temperature Range Spread-Spectrum EconOscillator™
Rev 3; 6/13
DS1091L MAXIM-DS1091L Datasheet
121Kb / 6P
   Automotive Temperature Range Spread-Spectrum Econoscillator
Rev 0; 9/06
DS1091L MAXIM-DS1091L_11 Datasheet
1Mb / 9P
   Automotive Temperature Range Spread-Spectrum Econoscillator
Rev 2; 9/11
MAX31091 MAXIM-MAX31091 Datasheet
497Kb / 8P
   Automotive Temperature Range Spread-Spectrum EconOscillator?
19-7303; Rev 2; 11/18
DS1086_1203 MAXIM-DS1086_1203 Datasheet
200Kb / 15P
   Spread-Spectrum EconOscillator
Rev 2; 3/12
DS1086L MAXIM-DS1086L Datasheet
266Kb / 16P
   3.3V Spread-Spectrum EconOscillator
Rev 0; 11/03
DS1094L MAXIM-DS1094L Datasheet
496Kb / 12P
   Multiphase Spread-Spectrum EconOscillator
19-7628; Rev 2; 5/15
DS1086L_1203 MAXIM-DS1086L_1203 Datasheet
237Kb / 17P
   3.3V Spread-Spectrum EconOscillator
Rev 2; 3/12
logo
Dallas Semiconductor
DS1086 DALLAS-DS1086 Datasheet
229Kb / 14P
   DS1086 Spread-Spectrum EconOscillator
DS1087L DALLAS-DS1087L Datasheet
154Kb / 12P
   3.3V Spread-Spectrum EconOscillator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com