Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPM6550T-1R0 Datasheet(PDF) 3 Page - International Rectifier

Part # SPM6550T-1R0
Description  USER GUIDE FOR IR3898 EVALUATION BOARD
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

SPM6550T-1R0 Datasheet(HTML) 3 Page - International Rectifier

  SPM6550T-1R0 Datasheet HTML 1Page - International Rectifier SPM6550T-1R0 Datasheet HTML 2Page - International Rectifier SPM6550T-1R0 Datasheet HTML 3Page - International Rectifier SPM6550T-1R0 Datasheet HTML 4Page - International Rectifier SPM6550T-1R0 Datasheet HTML 5Page - International Rectifier SPM6550T-1R0 Datasheet HTML 6Page - International Rectifier SPM6550T-1R0 Datasheet HTML 7Page - International Rectifier SPM6550T-1R0 Datasheet HTML 8Page - International Rectifier SPM6550T-1R0 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
IRDC3898-P1V2
12/8/2011
3
Connection Diagram
Vin
Gnd
Gnd
Vout
Enable
VDDQ
Vref
Sync
S-Ctrl
AGnd
PGood Vsns Vcc+ Vcc-
Top View
Bottom View
Fig. 1: Connection Diagram of IR3899/98/97 Evaluation Boards


Similar Part No. - SPM6550T-1R0

ManufacturerPart #DatasheetDescription
logo
International Rectifier
SPM6550T-1R0 IRF-SPM6550T-1R0 Datasheet
2Mb / 45P
   6A HIGHLY INTERGRATED SUPLRBUCK
SPM6550T-1R0 IRF-SPM6550T-1R0 Datasheet
2Mb / 44P
   6A Highly Integrated SupIRBuck Single-Input Voltage, Synchronous Buck Regulator
SPM6550T-1R0 IRF-SPM6550T-1R0 Datasheet
3Mb / 46P
   6A Highly Integrated SupIRBuck
SPM6550T-1R0M IRF-SPM6550T-1R0M Datasheet
2Mb / 47P
   4A Highly Integrated SupIRBuck Single?륤nput Voltage
logo
TDK Electronics
SPM6550T-1R0M-HZ TDK-SPM6550T-1R0M-HZ Datasheet
292Kb / 3P
   SMD / SMT Inductors (Coils)
More results

Similar Description - SPM6550T-1R0

ManufacturerPart #DatasheetDescription
logo
Analog Devices
UG-1121 AD-UG-1121 Datasheet
196Kb / 7P
   Evaluation Board User Guide
Rev. 0
logo
International Rectifier
IRDC3899-P1V2 IRF-IRDC3899-P1V2 Datasheet
3Mb / 17P
   USER GUIDE FOR IR3899 EVALUATION BOARD
IRDC3840 IRF-IRDC3840 Datasheet
905Kb / 17P
   USER GUIDE FOR IR3840 EVALUATION BOARD
IRDC3840A IRF-IRDC3840A Datasheet
862Kb / 17P
   USER GUIDE FOR IR3840A EVALUATION BOARD
IRDC3842 IRF-IRDC3842 Datasheet
924Kb / 17P
   USER GUIDE FOR IR3842 EVALUATION BOARD
IRDC3831 IRF-IRDC3831 Datasheet
764Kb / 16P
   USER GUIDE FOR IR3831 EVALUATION BOARD
IRDC3831W IRF-IRDC3831W Datasheet
732Kb / 16P
   USER GUIDE FOR IR3831W EVALUATION BOARD
IRDC3841 IRF-IRDC3841 Datasheet
901Kb / 17P
   USER GUIDE FOR IR3841 EVALUATION BOARD
IRDC3842W IRF-IRDC3842W Datasheet
854Kb / 17P
   USER GUIDE FOR IR3842W EVALUATION BOARD
logo
Analog Devices
UG-287 AD-UG-287 Datasheet
1Mb / 12P
   Evaluation Board User Guide
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com