Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IRDC3899-P1V2 Datasheet(PDF) 15 Page - International Rectifier

Part No. IRDC3899-P1V2
Description  USER GUIDE FOR IR3899 EVALUATION BOARD
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRDC3899-P1V2 Datasheet(HTML) 15 Page - International Rectifier

Back Button IRDC3899-P1V2 Datasheet HTML 9Page - International Rectifier IRDC3899-P1V2 Datasheet HTML 10Page - International Rectifier IRDC3899-P1V2 Datasheet HTML 11Page - International Rectifier IRDC3899-P1V2 Datasheet HTML 12Page - International Rectifier IRDC3899-P1V2 Datasheet HTML 13Page - International Rectifier IRDC3899-P1V2 Datasheet HTML 14Page - International Rectifier IRDC3899-P1V2 Datasheet HTML 15Page - International Rectifier IRDC3899-P1V2 Datasheet HTML 16Page - International Rectifier IRDC3899-P1V2 Datasheet HTML 17Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
IRDC3899-P1V2
12/8/2011
15
SOLDER RESIST
IR recommends that the larger Power or Land Area pads are Solder Mask Defined (SMD.)
This allows the underlying Copper traces to be as large as possible, which helps in terms of current
carrying capability and device cooling capability. When using SMD pads, the underlying copper
traces should be at least 0.05mm larger (on each edge) than the Solder Mask window,
in order to accommodate any layer to layer misalignment. (i.e. 0.1mm in X & Y.)
However, for the smaller Signal type leads around the edge of the device, IR recommends that
these are Non Solder Mask Defined or Copper Defined. When using NSMD pads,
the Solder Resist Window should be larger than the Copper Pad by at least 0.025mm on
each edge, (i.e. 0.05mm in X&Y,) in order to accommodate any layer to
layer misalignment. Ensure that the solder resist in-between the smaller signal lead areas are at
least 0.15mm wide, due to the high x/y aspect ratio of the solder mask strip.
Figure 21: Solder resist


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn