Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IRDC3899-P1V2 Datasheet(PDF) 1 Page - International Rectifier

Part No. IRDC3899-P1V2
Description  USER GUIDE FOR IR3899 EVALUATION BOARD
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRDC3899-P1V2 Datasheet(HTML) 1 Page - International Rectifier

  IRDC3899-P1V2 Datasheet HTML 1Page - International Rectifier IRDC3899-P1V2 Datasheet HTML 2Page - International Rectifier IRDC3899-P1V2 Datasheet HTML 3Page - International Rectifier IRDC3899-P1V2 Datasheet HTML 4Page - International Rectifier IRDC3899-P1V2 Datasheet HTML 5Page - International Rectifier IRDC3899-P1V2 Datasheet HTML 6Page - International Rectifier IRDC3899-P1V2 Datasheet HTML 7Page - International Rectifier IRDC3899-P1V2 Datasheet HTML 8Page - International Rectifier IRDC3899-P1V2 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
IRDC3899-P1V2
12/8/2011
1
USER GUIDE FOR IR3899 EVALUATION BOARD
1.2Vout
DESCRIPTION
The
IR3899
is
a
synchronous
buck
converter,
providing
a
compact,
high
performance and flexible solution in a small
4mm X 5 mm Power QFN package.
Key features offered by the IR3899 include
internal Digital Soft Start/Soft Stop, precision
0.5Vreference
voltage,
Power
Good
,
thermal protection, programmable switching
frequency, Enable input, input under-voltage
lockout for proper start-up, enhanced line/
load regulation with feed forward, external
frequency
synchronization
with
smooth
clocking, internal LDO
and pre-bias start-
up.
Output over-current protection function is
implemented by sensing the voltage developed
across the on-resistance of the synchronous
Mosfet for optimum cost and performance and
the current limit is thermally compensated.
This user guide contains the schematic and bill
of materials for the IR3899 evaluation board.
The guide describes operation and use of the
evaluation board itself. Detailed
application
information for IR3899 is available in the
IR3899 data sheet.
BOARD FEATURES
V
in = +12V (+ 13.2V Max)
•Vout = +1.2V @ 0- 9A
F
s=600kHz
L= 0.51uH
C
in= 4x10uF (ceramic 1206) + 1X330uF (electrolytic)
C
out=6x22uF (ceramic 0805)
SupIRBuckTM


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn