Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IRDC3899-P1V2 Datasheet(PDF) 2 Page - International Rectifier

Part No. IRDC3899-P1V2
Description  USER GUIDE FOR IR3899 EVALUATION BOARD
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRDC3899-P1V2 Datasheet(HTML) 2 Page - International Rectifier

  IRDC3899-P1V2 Datasheet HTML 1Page - International Rectifier IRDC3899-P1V2 Datasheet HTML 2Page - International Rectifier IRDC3899-P1V2 Datasheet HTML 3Page - International Rectifier IRDC3899-P1V2 Datasheet HTML 4Page - International Rectifier IRDC3899-P1V2 Datasheet HTML 5Page - International Rectifier IRDC3899-P1V2 Datasheet HTML 6Page - International Rectifier IRDC3899-P1V2 Datasheet HTML 7Page - International Rectifier IRDC3899-P1V2 Datasheet HTML 8Page - International Rectifier IRDC3899-P1V2 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
IRDC3899-P1V2
12/8/2011
2
A well regulated +12V input supply should be connected to VIN+ and VIN-. A maximum of 9A load should be
connected to VOUT+ and VOUT-. The inputs and output connections of the board are listed in Table I.
IR3899 has only one input supply and internal LDO generates Vcc from Vin. If operation with external Vcc
is required, then R15 can be removed and external Vcc can be applied between Vcc+ and Vcc- pins. Vin pin
and Vcc/LDO_Out pins should be shorted together for external Vcc operation.
The output can track voltage at the Vp pin. For this purpose, Vref pin is to be connected to ground (use zero
ohm resistor for R21). The value of R14 and R28 can be selected to provide the desired tracking ratio
between output voltage and the tracking input.
CONNECTIONS and OPERATING INSTRUCTIONS
LAYOUT
The PCB is a 4-layer board (2.23”x2”) using FR4 material. All layers use 2 Oz. copper. The PCB
thickness is 0.062”. The IR3899 and other major power components are mounted on the top side of the
board.
Power supply decoupling capacitors, the bootstrap capacitor and feedback components are located
close to IR3899. The feedback resistors are connected to the output at the point of regulation and are
located close to the SupIRBuck IC. To improve efficiency, the circuit board is designed to minimize the
length of the on-board power ground current path.
Table I. Connections
Connection
Signal Name
VIN+
Vin (+12V)
VIN-
Ground of Vin
Vout+
Vout(+1.2V)
Vout-
Ground for Vout
Vcc+
Vcc/ LDO_Out Pin
Vcc-
Ground for Vcc input
Enable
Enable
PGood
Power Good Signal
AGnd
Analog ground


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn