Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IRDC3898-P1V2 Datasheet(PDF) 7 Page - International Rectifier

Part No. IRDC3898-P1V2
Description  USER GUIDE FOR IR3898 EVALUATION BOARD
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRDC3898-P1V2 Datasheet(HTML) 7 Page - International Rectifier

Back Button IRDC3898-P1V2 Datasheet HTML 3Page - International Rectifier IRDC3898-P1V2 Datasheet HTML 4Page - International Rectifier IRDC3898-P1V2 Datasheet HTML 5Page - International Rectifier IRDC3898-P1V2 Datasheet HTML 6Page - International Rectifier IRDC3898-P1V2 Datasheet HTML 7Page - International Rectifier IRDC3898-P1V2 Datasheet HTML 8Page - International Rectifier IRDC3898-P1V2 Datasheet HTML 9Page - International Rectifier IRDC3898-P1V2 Datasheet HTML 10Page - International Rectifier IRDC3898-P1V2 Datasheet HTML 11Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
IRDC3898-P1V2
12/8/2011
7
Bill of Materials
Item
Qty
Part Reference
Value
Description
Manufacturer
Part Number
1
1
C1
330uF
SMD Electrolytic F size 25V
20%
Panasonic
EEV-FK1E331P
2
3
C3 C4 C5
10uF
1206, 25V, X5R, 20%
TDK
C3216X5R1E106M
3
4
C7 C12 C14 C24
0.1uF
0603, 25V, X7R, 10%
Murata
GRM188R71E104KA01B
4
1
C8
2200pF
0603,50V,X7R
Murata
GRM188R71H222KA01B
5
1
C11
180pF
0603, 50V, NP0, 5%
Murata
GRM1885C1H181JA01D
6
4
C15 C16 C17 C18
22uF
0805, 6.3V, X5R, 20%
TDK
C2012X5R0J226M
7
1
C23
2.2uF
0603, 16V, X5R, 20%
TDK
C1608X5R1C225M
8
1
C26
10nF
0603, 25V, X7R, 10%
Murata
GRM188R71E103KA01J
9
1
C32
1.0uF
0603, 25V, X5R, 10%
Murata
GRM188R61E105KA12D
10
1
L1
1.0uH
SMD 7.1x6.5x5mm,4.7mΩ
TDK
SPM6550T-1R0
11
1
R1
2K
Thick Film, 0603,1/10W,1%
Panasonic
ERJ-3EKF2001V
12
2
R2 R11
3.32K
Thick Film, 0603,1/10W,1%
Panasonic
ERJ-3EKF3321V
13
2
R3 R12
2.37K
Thick Film, 0603,1/10W,1%
Panasonic
ERJ-3EKF2371V
14
1
R4
100
Thick Film, 0603,1/10W,1%
Panasonic
ERJ-3EKF1000V
15
1
R6
20
Thick Film, 0603,1/10W,1%
Panasonic
ERJ-3EKF20R0V
16
1
R9
39.2K
Thick Film, 0603,1/10W,1%
Panasonic
ERJ-3EKF3922V
17
5
R10 R13 R14 R15 R50
0
Thick Film, 0603,1/10W
Panasonic
ERJ-3GEY0R00V
18
2
R17 R18
49.9K
Thick Film, 0603,1/10W,1%
Panasonic
ERJ-3EKF4992V
19
1
R19
7.5K
Thick Film, 0603,1/10W,1%
Panasonic
ERJ-3EKF7501V
20
1
U1
IR3898
PQFN 4x5mm
IR
IR3898MPBF


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn