Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ICX069AK Datasheet(PDF) 1 Page - Sony Corporation

Part No. ICX069AK
Description  Diagonal 4.5mm (Type 1/4) CCD Image Sensor for PAL Color Video Cameras
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

ICX069AK Datasheet(HTML) 1 Page - Sony Corporation

  ICX069AK Datasheet HTML 1Page - Sony Corporation ICX069AK Datasheet HTML 2Page - Sony Corporation ICX069AK Datasheet HTML 3Page - Sony Corporation ICX069AK Datasheet HTML 4Page - Sony Corporation ICX069AK Datasheet HTML 5Page - Sony Corporation ICX069AK Datasheet HTML 6Page - Sony Corporation ICX069AK Datasheet HTML 7Page - Sony Corporation ICX069AK Datasheet HTML 8Page - Sony Corporation ICX069AK Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
Description
The ICX069AK is an interline CCD solid-state image
sensor suitable for PAL color video cameras. High
resolution is achieved through the use of Ye, Cy, Mg,
and G complementary color mosaic filters. At the
same time, high sensitivity and low dark current are
achieved through the adoption of HAD (Hole-
Accumulation Diode) sensors.
This chip features a field period readout system and
an electronic shutter with variable charge-storage time.
The package is a 10mm-square 14-pin DIP (Plastic).
Features
• High resolution, high sensitivity and low dark current
• Horizontal register:
3.6 to 5.0V drive
• No voltage adjustment
(Reset gate and substrate bias are not adjusted.)
• Low smear
• Excellent antiblooming characteristics
• Continuous variable-speed shutter
• Ye, Cy, Mg, and G complementary color mosaic filters on chip
Device Structure
• Image size:
Diagonal 4.5mm (Type 1/4)
• Number of effective pixels:
752 (H)
× 582 (V) approx. 440K pixels
• Total number of pixels:
795 (H)
× 596 (V) approx. 470K pixels
• Interline CCD image sensor
• Chip size:
4.47mm (H)
× 3.80mm (V)
• Unit cell size:
4.85µm (H)
× 4.65µm (V)
• Optical black:
Horizontal (H) direction: Front 3 pixels, rear 40 pixels
Vertical (V) direction:
Front 12 pixels, rear 2 pixels
• Number of dummy bits:
Horizontal 22
Vertical 1 (even fields only)
• Substrate material:
Silicon
– 1 –
ICX069AK
E94613D99
Diagonal 4.5mm (Type 1/4) CCD Image Sensor for PAL Color Video Cameras
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by
any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the
operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
14 pin DIP (Plastic)
Pin 1
V
3
40
2
12
Pin 8
H
Optical black position
(Top View)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn