Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ICX069AK Datasheet(PDF) 6 Page - Sony Corporation

Part No. ICX069AK
Description  Diagonal 4.5mm (Type 1/4) CCD Image Sensor for PAL Color Video Cameras
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

ICX069AK Datasheet(HTML) 6 Page - Sony Corporation

Back Button ICX069AK Datasheet HTML 2Page - Sony Corporation ICX069AK Datasheet HTML 3Page - Sony Corporation ICX069AK Datasheet HTML 4Page - Sony Corporation ICX069AK Datasheet HTML 5Page - Sony Corporation ICX069AK Datasheet HTML 6Page - Sony Corporation ICX069AK Datasheet HTML 7Page - Sony Corporation ICX069AK Datasheet HTML 8Page - Sony Corporation ICX069AK Datasheet HTML 9Page - Sony Corporation ICX069AK Datasheet HTML 10Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
– 6 –
ICX069AK
tr
twh
tf
90%
10%
twl
V
φH
VHL
(3) Horizontal transfer clock waveform
Point A
twl
V
φRG
VRGH
VRGL + 0.5V
VRGL
VRGLH
RG waveform
VRGLL
H
φ1 waveform
twh
tr
tf
2.5V
(4) Reset gate clock waveform
VRGLH is the maximum value and VRGLL is the minimum value of the coupling waveform during the period from
Point A in the above diagram until the rising edge of RG. In addition, VRGL is the average value of VRGLH and
VRGLL.
VRGL = (VRGLH + VRGLL)/2
Assuming VRGH is the minimum value during the interval twh, then:
V
φRG = VRGH – VRGL
(5) Substrate clock waveform
90%
100%
10%
0%
VSUB
tr
twh
tf
φM
φM
2
V
φSUB
(A bias generated within the CCD)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn