Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ICX069AK Datasheet(PDF) 2 Page - Sony Corporation

Part No. ICX069AK
Description  Diagonal 4.5mm (Type 1/4) CCD Image Sensor for PAL Color Video Cameras
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

ICX069AK Datasheet(HTML) 2 Page - Sony Corporation

  ICX069AK Datasheet HTML 1Page - Sony Corporation ICX069AK Datasheet HTML 2Page - Sony Corporation ICX069AK Datasheet HTML 3Page - Sony Corporation ICX069AK Datasheet HTML 4Page - Sony Corporation ICX069AK Datasheet HTML 5Page - Sony Corporation ICX069AK Datasheet HTML 6Page - Sony Corporation ICX069AK Datasheet HTML 7Page - Sony Corporation ICX069AK Datasheet HTML 8Page - Sony Corporation ICX069AK Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
– 2 –
ICX069AK
Substrate clock
φSUB – GND
Supply voltage
Clock input voltage
Voltage difference between vertical clock input pins
Voltage difference between horizontal clock input pins
H
φ1, Hφ2 – Vφ4
H
φ1, Hφ2 – GND
H
φ1, Hφ2 – φSUB
VL
φSUB
V
φ1, Vφ3, VDD, VOUT – VL
RG – GND
V
φ2, Vφ4, Hφ1, Hφ2, GND – VL
Storage temperature
Operating temperature
Block Diagram and Pin Configuration
(Top View)
1
5
6
7
9
10
11
13
Note)
Note)
: Photo sensor
Horizontal Register
2
3
4
12
Cy
Cy
Mg
G
Cy
14
Mg
Ye
Ye
G
Ye
G
Cy
Cy
Mg
G
Cy
Mg
Ye
Ye
G
Mg
Ye
G
8
Mg
Pin No.
1
2
3
4
5
6
7
V
φ4
V
φ3
V
φ2
V
φ1
NC
GND
VOUT
Vertical register transfer clock
Vertical register transfer clock
Vertical register transfer clock
Vertical register transfer clock
GND
Signal output
8
9
10
11
12
13
14
VDD
GND
φSUB
VL
RG
H
φ1
H
φ2
Supply voltage
GND
Substrate clock
Protective transistor bias
Reset gate clock
Horizontal register transfer clock
Horizontal register transfer clock
Symbol
Description
Pin No.
Description
Pin Description
Absolute Maximum Ratings
–0.3 to +40
–0.3 to +18
–30 to +9
–15 to +16
to +10
to +15
to +16
–16 to +16
–10 to +15
–55 to +10
–65 to +0.3
–0.3 to +27.5
–0.3 to +20.5
–0.3 to +17.5
–30 to +80
–10 to +60
V
V
V
V
V
V
V
V
V
V
V
V
V
V
°C
°C
1
VDD, VOUT – GND
VDD, VOUT
φSUB
V
φ1, Vφ2, Vφ3, Vφ4 – GND
V
φ1, Vφ2, Vφ3, Vφ4 – φSUB
Item
Ratings
Unit
Remarks
1 +24V (Max.) when clock width < 10µs, clock duty factor < 0.1%.
Symbol


Similar Part No. - ICX069AK

ManufacturerPart No.DatasheetDescription
Sony Corporation
Sony Corporation
ICX069AK SONY-ICX069AK Datasheet
230Kb / 18P
   Diagonal 4.5mm (Type 1/4) CCD Image Sensor for PAL Color Video Cameras
ICX069AKB SONY-ICX069AKB Datasheet
198Kb / 17P
   Diagonal 4.5mm (Type 1/4) CCD Image Sensor for PAL Color Video Cameras
ICX069AKB SONY-ICX069AKB Datasheet
195Kb / 17P
   Diagonal 4.5mm (Type 1/4) CCD Image Sensor for PAL Color Video Cameras
More results

Similar Description - ICX069AK

ManufacturerPart No.DatasheetDescription
Sony Corporation
Sony Corporation
ICX087AKB SONY-ICX087AKB Datasheet
189Kb / 17P
   Diagonal 4.5mm (Type 1/4) CCD Image Sensor for PAL Color Video Cameras
ICX089AK SONY-ICX089AK Datasheet
262Kb / 18P
   Diagonal 4.5mm (Type 1/4) CCD Image Sensor for PAL Color Video Cameras
ICX227AK SONY-ICX227AK Datasheet
258Kb / 18P
   Diagonal 4.5mm (Type 1/4) CCD Image Sensor for PAL Color Video Cameras
ICX209AKB SONY-ICX209AKB Datasheet
195Kb / 17P
   Diagonal 4.5mm (Type 1/4) CCD Image Sensor for PAL Color Video Cameras
ICX279AK SONY-ICX279AK Datasheet
204Kb / 19P
   Diagonal 4.5mm (Type 1/4) CCD Image Sensor for PAL Color Video Cameras
ICX207AK SONY-ICX207AK Datasheet
229Kb / 18P
   Diagonal 4.5mm (Type 1/4) CCD Image Sensor for PAL Color Video Cameras
ICX229AK SONY-ICX229AK Datasheet
260Kb / 18P
   Diagonal 4.5mm (Type 1/4) CCD Image Sensor for PAL Color Video Cameras
ICX209AK SONY-ICX209AK Datasheet
230Kb / 18P
   Diagonal 4.5mm (Type 1/4) CCD Image Sensor for PAL Color Video Cameras
ICX069AKB SONY-ICX069AKB Datasheet
198Kb / 17P
   Diagonal 4.5mm (Type 1/4) CCD Image Sensor for PAL Color Video Cameras
ICX087AK SONY-ICX087AK Datasheet
223Kb / 18P
   Diagonal 4.5mm (Type 1/4) CCD Image Sensor for PAL Color Video Cameras
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz