Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSFR1700HSL Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FSFR1700HSL
Description  FSFR-HS Series ??Advanced Fairchild Power Switch(FPS??
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSFR1700HSL Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FSFR1700HSL Datasheet HTML 1Page - Fairchild Semiconductor FSFR1700HSL Datasheet HTML 2Page - Fairchild Semiconductor FSFR1700HSL Datasheet HTML 3Page - Fairchild Semiconductor FSFR1700HSL Datasheet HTML 4Page - Fairchild Semiconductor FSFR1700HSL Datasheet HTML 5Page - Fairchild Semiconductor FSFR1700HSL Datasheet HTML 6Page - Fairchild Semiconductor FSFR1700HSL Datasheet HTML 7Page - Fairchild Semiconductor FSFR1700HSL Datasheet HTML 8Page - Fairchild Semiconductor FSFR1700HSL Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
© 2011 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSFR1800 / FSFR1700-HS • Rev.1.0.0
5
Electrical Characteristics
TA=25°C, LVCC, HVCC =17VDC and RT=26 k unless otherwise specified.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
MOSFET Section
BVDSS
Drain-to-Source Breakdown Voltage
ID=200μA, TA=25C
500
V
ID=200μA, TA=125C
540
RDS(ON)
On-State Resistance
FSFR1800HS/L
VGS=10V, ID=3.0A
0.77
0.95

FSFR1700HS/L
VGS=10V, ID=2.0A
1.00
1.25
trr
Body Diode Reverse
Recovery Time
(7)
FSFR1800HS/L
VGS=0V, IDIODE=7.0A,
dIDIODE/dt=100A/μs
160
ns
FSFR1700HS/L
VGS=0V, IDIODE=6.0A,
dIDIODE/dt=100A/μs
160
Supply Section
ILK
Offset Supply Leakage Current
HVCC=VCTR=500V
50
μA
IQHVCC
Quiescent HVCC Supply Current
(HVCCUV+) - 0.1V
50
120
μA
IQLVCC
Quiescent LVCC Supply Current
(LVCCUV+) - 0.1V
100
200
μA
IOHVCC
Operating HVCC Supply Current (RMS Value)
fOSC=50KHz
6
9
mA
No Switching
100
200
μA
IOLVCC
Operating LVCC Supply Current (RMS Value)
fOSC=50KHz
7
11
mA
No Switching
2
4
mA
UVLO Section
LVCCUV+ LVCC Supply Under-Voltage Positive Going Threshold (LVCC,START)
11.2
12.5
13.8
V
LVCCUV- LVCC Supply Under-Voltage Negative Going Threshold (LVCC,STOP)
8.9
10.0
11.1
V
LVCCUVH LVCC Supply Under-Voltage Hysteresis
2.5
V
HVCCUV+ HVCC Supply Under-Voltage Positive Going Threshold (HVCC,START)
8.2
9.2
10.2
V
HVCCUV- HVCC Supply Under-Voltage Negative Going Threshold (HVCC,STOP)
7.8
8.7
9.6
V
HVCCUVH HVCC Supply Under-Voltage Hysteresis
0.5
V
Oscillator & Feedback Section
VRT
Output Voltage on RT Pin
RT=26k
1.5
2.0
2.5
V
fOSC
Output Oscillation Frequency
47
50
53
kHz
DC
Output Duty Cycle
48
50
52
%
Protection Section
VRT,RESET Threshold Voltage to Begin Restart
0.07
0.12
0.17
V
tDELAY,RESET Delay to Disable OSC Circuit After Protection
fosc=50kHz
20
ms
VLINE
On Threshold of Input Voltage
2.38
2.50
2.62
V
ILINE
Hysteresis Current for Line UVLO
7.5
9.5
11.5
μA
VOVP
LVCC Over-Voltage Protection
21
23
25
V
VAOCP
AOCP Threshold Voltage
-1.0
-0.9
-0.8
V
tBAO
AOCP Blanking Time
(7)
VCS < VAOCP
50
ns
VOCP
OCP Threshold Voltage
-0.64
-0.58
-0.52
V
tBO
OCP Blanking Time
(7)
VCS < VOCP
1.0
1.5
2.0
μs
tDA
Delay Time (Low-Side) Detecting from VAOCP to Switch Off
(7)
250
400
ns
TSD
Thermal Shutdown Temperature
(7)
120
135
150
C
Dead-Time Control Section
DT
Dead Time
(8)
350
ns
Notes:
7.
This parameter, although guaranteed, is not tested in production.
8.
These parameters, although guaranteed, are tested only in EDS (wafer test) process.


Similar Part No. - FSFR1700HSL

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSFR1700 FAIRCHILD-FSFR1700 Datasheet
959Kb / 17P
   Power Switch (FPS?? for Half-Bridge Resonant Converters
FSFR1700 FAIRCHILD-FSFR1700 Datasheet
812Kb / 18P
   Fairchild Power Switch (FPS) for Half-Bridge Resonant Converters
FSFR1700L FAIRCHILD-FSFR1700L Datasheet
812Kb / 18P
   Fairchild Power Switch (FPS) for Half-Bridge Resonant Converters
FSFR1700US FAIRCHILD-FSFR1700US Datasheet
574Kb / 15P
   FSFR-US Series ??Fairchild Power Switch (FPS?? for Half-Bridge Resonant Converters
FSFR1700USL FAIRCHILD-FSFR1700USL Datasheet
574Kb / 15P
   FSFR-US Series ??Fairchild Power Switch (FPS?? for Half-Bridge Resonant Converters
More results

Similar Description - FSFR1700HSL

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSFR1800US FAIRCHILD-FSFR1800US Datasheet
574Kb / 15P
   FSFR-US Series ??Fairchild Power Switch (FPS?? for Half-Bridge Resonant Converters
KA1M0265R FAIRCHILD-KA1M0265R Datasheet
89Kb / 10P
   Fairchild Power Switch(FPS)
KA1M0680B FAIRCHILD-KA1M0680B Datasheet
144Kb / 12P
   Fairchild Power Switch(FPS)
KA5X0165RXX FAIRCHILD-KA5X0165RXX Datasheet
102Kb / 12P
   Fairchild Power Switch(FPS)
FS6X1220R FAIRCHILD-FS6X1220R Datasheet
471Kb / 16P
   Fairchild Power Switch (FPS)
FS6S0965RCB FAIRCHILD-FS6S0965RCB Datasheet
572Kb / 10P
   Fairchild Power Switch(FPS)
KA1M0880BF FAIRCHILD-KA1M0880BF Datasheet
95Kb / 10P
   Fairchild Power Switch(FPS)
KA5Q0740RT FAIRCHILD-KA5Q0740RT_04 Datasheet
292Kb / 12P
   Fairchild Power Switch(FPS)
FS8S0765RCB FAIRCHILD-FS8S0765RCB_06 Datasheet
1Mb / 19P
   Fairchild Power Switch (FPS??
FS6X0420R FAIRCHILD-FS6X0420R Datasheet
732Kb / 15P
   Fairchild Power Switch (FPS)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com