Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSFR1800HSL Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FSFR1800HSL
Description  FSFR-HS Series ??Advanced Fairchild Power Switch(FPS??
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSFR1800HSL Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FSFR1800HSL Datasheet HTML 1Page - Fairchild Semiconductor FSFR1800HSL Datasheet HTML 2Page - Fairchild Semiconductor FSFR1800HSL Datasheet HTML 3Page - Fairchild Semiconductor FSFR1800HSL Datasheet HTML 4Page - Fairchild Semiconductor FSFR1800HSL Datasheet HTML 5Page - Fairchild Semiconductor FSFR1800HSL Datasheet HTML 6Page - Fairchild Semiconductor FSFR1800HSL Datasheet HTML 7Page - Fairchild Semiconductor FSFR1800HSL Datasheet HTML 8Page - Fairchild Semiconductor FSFR1800HSL Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
August 2011
© 2011 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSFR1800 / FSFR1700-HS • Rev.1.0.0
FSFR-HS Series — Advanced Fairchild Power Switch
(FPS™) for Half-Bridge Resonant Converters
Features
Variable Frequency Control with 50% Duty Cycle
for Half-Bridge Resonant Converter Topology
High Efficiency through Zero Voltage Switching (ZVS)
Built-in High-Side Gate Driver IC
Internal UniFET™s with Fast-Recovery Type Body
Diode (trr=160ns Typical)
Fixed Dead Time (350ns) Optimized for MOSFETs
Operating Frequency Up to 600kHz for Soft-Start
Self Auto-Restart Operation for All Protections, Despite
External LVCC Bias
Line UVLO with Programmable Hysteresis Level
Simple On/Off with Line UVLO Pin
Easy Configuration and Compatibility with FAN7930 for
Line UVLO without External Components
Protection Functions: Over-Voltage Protection (OVP),
Over-Current Protection (OCP), Abnormal Over-
Current Protection (AOCP), Internal Thermal
Shutdown (TSD)
Applications
PDP and LCD TVs
Desktop PCs and Servers
Adapters
Telecom Power Supplies
Description
The FSFR-HS is a highly integrated power switch
designed
for
high-efficiency
half-bridge
resonant
converters. Offering everything necessary to build a
reliable and robust resonant converter, the FSFR-HS
simplifies designs while improving productivity and
performance. The FSFR-HS combines power MOSFETs,
a high-side gate-drive circuit, an accurate current-
controlled oscillator, and built-in protection functions.
The high-side gate-drive circuit has a common-mode
noise cancellation capability, which provides stable
operation with excellent noise immunity. Using zero-
voltage-switching (ZVS) technique dramatically reduces
the switching losses and significantly improves efficiency.
The ZVS also reduces the switching noise noticeably,
even though the operating frequency increases. It allows
a small Electromagnetic Interference (EMI) filter, besides
the high operating frequency, to reduce the volume of the
resonant tank and to increase power density.
The FSFR-HS can be applied to resonant converter
topologies such as series resonant, parallel resonant,
and LLC resonant converters.
Related Resources
AN4151 — Half-Bridge LLC Resonant Converter Design
Using FSFR-Series Fairchild Power Switch (FPS™)
Ordering Information
Part Number
Package
Operating
Junction
Temperature
RDS(ON_MAX)
Maximum Output Power
without Heatsink
(VIN=350~400V)
(1,2)
Maximum Output
Power with Heatsink
(VIN=350~400V)
(1,2)
FSFR1800HS
9-SIP
-40 to +130°C
0.95Ω
120W
260W
FSFR1800HSL
9-SIP
L-Forming
FSFR1700HS
9-SIP
-40 to +130°C
1.25Ω
100W
200W
FSFR1700HSL
9-SIP
L-Forming
Notes:
1.
The junction temperature can limit the maximum output power.
2.
Maximum practical continuous power in an open-frame design at 50°C ambient.


Similar Part No. - FSFR1800HSL

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSFR1800 FAIRCHILD-FSFR1800 Datasheet
959Kb / 17P
   Power Switch (FPS?? for Half-Bridge Resonant Converters
FSFR1800 FAIRCHILD-FSFR1800 Datasheet
812Kb / 18P
   Fairchild Power Switch (FPS) for Half-Bridge Resonant Converters
FSFR18003 FAIRCHILD-FSFR18003 Datasheet
650Kb / 16P
   Fairchild Power Switch (FPS?? for Half-Bridge Resonant Converter
FSFR1800L FAIRCHILD-FSFR1800L Datasheet
812Kb / 18P
   Fairchild Power Switch (FPS) for Half-Bridge Resonant Converters
FSFR1800US FAIRCHILD-FSFR1800US Datasheet
574Kb / 15P
   FSFR-US Series ??Fairchild Power Switch (FPS?? for Half-Bridge Resonant Converters
More results

Similar Description - FSFR1800HSL

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSFR1800US FAIRCHILD-FSFR1800US Datasheet
574Kb / 15P
   FSFR-US Series ??Fairchild Power Switch (FPS?? for Half-Bridge Resonant Converters
KA1M0265R FAIRCHILD-KA1M0265R Datasheet
89Kb / 10P
   Fairchild Power Switch(FPS)
KA1M0680B FAIRCHILD-KA1M0680B Datasheet
144Kb / 12P
   Fairchild Power Switch(FPS)
KA5X0165RXX FAIRCHILD-KA5X0165RXX Datasheet
102Kb / 12P
   Fairchild Power Switch(FPS)
FS6X1220R FAIRCHILD-FS6X1220R Datasheet
471Kb / 16P
   Fairchild Power Switch (FPS)
FS6S0965RCB FAIRCHILD-FS6S0965RCB Datasheet
572Kb / 10P
   Fairchild Power Switch(FPS)
KA1M0880BF FAIRCHILD-KA1M0880BF Datasheet
95Kb / 10P
   Fairchild Power Switch(FPS)
KA5Q0740RT FAIRCHILD-KA5Q0740RT_04 Datasheet
292Kb / 12P
   Fairchild Power Switch(FPS)
FS8S0765RCB FAIRCHILD-FS8S0765RCB_06 Datasheet
1Mb / 19P
   Fairchild Power Switch (FPS??
FS6X0420R FAIRCHILD-FS6X0420R Datasheet
732Kb / 15P
   Fairchild Power Switch (FPS)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com