Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FOD8316V Datasheet(PDF) 10 Page - Fairchild Semiconductor

Part # FOD8316V
Description  2.5A Output Current, IGBT Drive Optocoupler
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FOD8316V Datasheet(HTML) 10 Page - Fairchild Semiconductor

Back Button FOD8316V Datasheet HTML 6Page - Fairchild Semiconductor FOD8316V Datasheet HTML 7Page - Fairchild Semiconductor FOD8316V Datasheet HTML 8Page - Fairchild Semiconductor FOD8316V Datasheet HTML 9Page - Fairchild Semiconductor FOD8316V Datasheet HTML 10Page - Fairchild Semiconductor FOD8316V Datasheet HTML 11Page - Fairchild Semiconductor FOD8316V Datasheet HTML 12Page - Fairchild Semiconductor FOD8316V Datasheet HTML 13Page - Fairchild Semiconductor FOD8316V Datasheet HTML 14Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
©2010 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FOD8316 Rev. 1.2.0
10
Typical Performance Characteristics (Continued)
Figure 7. Output High Voltage (VOH) vs.
Output High Current (IOH)
Figure 9. Supply Current (IDD1) vs. Temperature
Figure 10. Output Supply Current (IDD2) vs. Temperature
Figure 12. Blanking Capacitor Charging Current (ICHG)
vs. Temperature
Figure 11. Output Supply Current (IDD2) vs.
Output Supply Voltage (VDD2)
Figure 8. Output Low Voltage (VOL) vs.
Output Low Current (IOL)
30
29
28
27
26
25
0
0.5
1.0
1.5
2.0
2.5
IOH – OUTPUT HIGH CURRENT (A)
VDD2 – VSS = 30V
VDD1 = 5V
VIN+ = 5V
20
15
10
5
0
-40
-20
0
20
40
60
80
100
TA – TEMPERATURE (
°C)
VDD1 = 5.5V
VIN+ = 5V (IDD1H) or 0V (I DD1L)
IDD1H
IDD1L
TA = -40°C
25
°C
100
°C
1.2
1.0
0.8
0.6
0.4
15
20
25
30
VDD2 – OUTPUT SUPPLY VOLTAGE (V)
5
4
3
2
1
0
0
0.5
1.0
1.5
2.0
2.5
IOL – OUTPUT LOW CURRENT (A)
VDD2 – VSS = 30V
VDD1 = 5V
VIN+ = 0V
-40
°C
25
°C
TA = 100°C
1.4
1.2
1.0
0.8
0.6
0.4
-40
-20
0
20
40
60
80
100
TA – TEMPERATURE (
°C)
VDD2 – VSS = 30V
VDD1 = 5V
VIN+ = 5V (IDD2H) or 0V (IDD2L)
IDD2H
IDD2L
IDD2H
IDD2L
VDD1 = 5V
VIN+ = 5V (IDD2H) or 0V (IDD2L)
-0.15
-0.20
-0.25
-0.30
-40
-20
0
20
40
60
80
100
TA – TEMPERATURE (
°C)
VDD2 – VSS = 30V
VDD1 = 5V
VIN+ = 5V
VDESAT = 0V to 6V


Similar Part No. - FOD8316V

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FOD8316V ONSEMI-FOD8316V Datasheet
450Kb / 29P
   2.5 A Output Current, IGBT Drive Optocoupler with Desaturation Detection and Isolated Fault Sensing
October 2017 Rev. 2
FOD8316V ONSEMI-FOD8316V Datasheet
463Kb / 28P
   2.5 A Output Current, IGBT Drive Optocoupler with Desaturation Detection and Isolated Fault Sensing
February, 2023 - Rev. 3
More results

Similar Description - FOD8316V

ManufacturerPart #DatasheetDescription
logo
ISOCOM COMPONENTS
ICPL-3120 ISOCOM-ICPL-3120 Datasheet
652Kb / 18P
   2.5A Output Current, High CME Gate Drive Optocoupler
logo
Fairchild Semiconductor
FOD8320 FAIRCHILD-FOD8320 Datasheet
2Mb / 19P
   High Noise Immunity, 2.5A Output Current, Gate Drive Optocoupler
FOD3120 FAIRCHILD-FOD3120 Datasheet
403Kb / 22P
   High Noise Immunity, 2.5A Output Current, Gate Drive Optocoupler
logo
Agilent(Hewlett-Packard...
HCPL-T251 HP-HCPL-T251 Datasheet
177Kb / 6P
   0.4AMP OUTPUT CURRENT IGBT GATE DRIVE OPTOCOUPLER
HCPL-314J HP-HCPL-314J Datasheet
420Kb / 16P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-J314 HP-HCPL-J314 Datasheet
418Kb / 17P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-5150 HP-HCPL-5150 Datasheet
193Kb / 16P
   0.5 Amp Output Current IGBT Gate Drive Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-3120-560E AVAGO-HCPL-3120-560E Datasheet
507Kb / 24P
   2.5 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-J314-300E AVAGO-HCPL-J314-300E Datasheet
324Kb / 16P
   0.6 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-314J AVAGO-HCPL-314J_11 Datasheet
212Kb / 14P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com