Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM335X Datasheet(PDF) 4 Page - Texas Instruments

Part # AM335X
Description  AM335x General-Purpose EVM
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM335X Datasheet(HTML) 4 Page - Texas Instruments

  AM335X Datasheet HTML 1Page - Texas Instruments AM335X Datasheet HTML 2Page - Texas Instruments AM335X Datasheet HTML 3Page - Texas Instruments AM335X Datasheet HTML 4Page - Texas Instruments AM335X Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Revision 1.1 Known Design Exceptions to Functional Specifications
www.ti.com
Advisory 1.1.1
Keypad Capacitor Filter Issue
Revisions Affected:
1.1A
Details:
The keypad on the general-purpose daughterboard has three capacitors which are
meant to filter key bounces. These capacitors may interfere with software builds that use
alternate means to read the keypad switches and filter the mechanical bounce from the
switches.
Workaround:
Remove C125-C127 from the general-purpose daughterboard.
Advisory 1.1.2
PORz Reset Circuit
Revisions Affected:
1.1A
Details:
The logic driving the PWRONRSTn input on the AM335x device is at 1.8-V level instead
of the VDDSHV6 level (3.3 V). Since this input generates a reset when active, this lower
level may drive the board into reset when not intended.
Workaround:
Remove U1.
Add an SN74AUP1G08, an SN74AVC1T45, and an SN74AUP1G08 so that
PWRONRSTn on the AM335x device is driven to the correct voltage level (see
Figure 1).
Figure 1. PORz Circuit
4
AM335x General-Purpose EVM (Revision 1.1)
SPRUHD7
– January 2012
Submit Documentation Feedback
Copyright
© 2012, Texas Instruments Incorporated


Similar Part No. - AM335X

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AM335x TI1-AM335x Datasheet
3Mb / 253P
[Old version datasheet]   Sitara Processors
AM335X TI1-AM335X Datasheet
3Mb / 253P
[Old version datasheet]   Sitara Processors
AM335X TI1-AM335X Datasheet
3Mb / 253P
[Old version datasheet]   Sitara Processors
More results

Similar Description - AM335X

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SLOU330 TI1-SLOU330 Datasheet
3Mb / 18P
[Old version datasheet]   EVM Description
AM3359 TI-AM3359_15 Datasheet
1Mb / 248P
[Old version datasheet]   AM335x Sitara Processors
SPRABO4 TI1-SPRABO4 Datasheet
42Kb / 2P
[Old version datasheet]   AM335X EVALUATION MODULE
SLLU155 TI1-SLLU155 Datasheet
770Kb / 17P
[Old version datasheet]   TLK110 Customer EVM
logo
OSRAM GmbH
TMF882X OSRAM-TMF882X Datasheet
1Mb / 37P
   EVM User Guide
v6-00 2022-May-19
logo
Texas Instruments
EV2300 TI-EV2300 Datasheet
642Kb / 18P
[Old version datasheet]   EVM INTERFACE BOARD
AM3359 TI-AM3359_12 Datasheet
2Mb / 195P
[Old version datasheet]   AM335x ARM짰 Cortex??A8 Microprocessors (MPUs)
SLLU158 TI1-SLLU158 Datasheet
1Mb / 11P
[Old version datasheet]   CAN EVM User Guide
ADS1271EVM TI-ADS1271EVM Datasheet
388Kb / 16P
[Old version datasheet]   modular EVM form factor
SN65HVD01-EVM TI-SN65HVD01-EVM Datasheet
662Kb / 9P
[Old version datasheet]   SN65HVD01-EVM Evaluation Module
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com