Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1091L Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # DS1091L
Description  Automotive Temperature Range Spread-Spectrum EconOscillator™
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1091L Datasheet(HTML) 1 Page - Maxim Integrated Products

  DS1091L_12 Datasheet HTML 1Page - Maxim Integrated Products DS1091L_12 Datasheet HTML 2Page - Maxim Integrated Products DS1091L_12 Datasheet HTML 3Page - Maxim Integrated Products DS1091L_12 Datasheet HTML 4Page - Maxim Integrated Products DS1091L_12 Datasheet HTML 5Page - Maxim Integrated Products DS1091L_12 Datasheet HTML 6Page - Maxim Integrated Products DS1091L_12 Datasheet HTML 7Page - Maxim Integrated Products DS1091L_12 Datasheet HTML 8Page - Maxim Integrated Products DS1091L_12 Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
DS1091L
Automotive Temperature Range
Spread-Spectrum EconOscillator™
General Description
The DS1091L is a low-cost clock generator that is factory
trimmed to output frequencies from 130kHz to 66.6MHz
with a nominal accuracy of ±0.25%. The device can also
produce a center- or down-dithered spread-spectrum
output with pin-selectable dither magnitude and rate.
Assembled in an 8-pin µMAX® package, the DS1091L
is designed to operate with a 3.0V to 3.6V power supply
over the automotive temperature range (-40°C to +125°C).
Applications
Automotive Infotainment
POS Terminals
LCD Displays
Printers
Industrial Control
Features
S
Spread-Spectrum Clock Output from 130kHz to
66.6MHz
S
-40°C to +125°C Operating Temperature Range
S
±1.75% Accuracy Across Temperature and Voltage
S
Factory Trimmed
S
Center-Dithered (DS1091LUA) or Down-Dithered
(DS1091LUB) Spread-Spectrum Output
S
Pin-Selectable Center-Dither Magnitude of 0%,
±1%, ±2%, or ±4%
S
Pin-Selectable Down-Dither Magnitude of 0%, -2%,
-4%, or -8%
S
Pin-Selectable Dither Rate
S
3.0V to 3.6V Supply Operation
S
Lead(Pb)-Free, 8-Pin µMAX Package
Custom Frequency Options
Custom frequency options are available. See the Ordering
Information or contact the factory by email at custom.
oscillators@maximintegrated.com for more information.
19-5768; Rev 2; 9/11
Ordering Information appears at end of data sheet.
EconOscillator is a trademark and µMAX is a registered trademark of Maxim Integrated Products, Inc.
Typical Operating Circuit
For related parts and recommended products to use with this part, refer to: www.maximintegrated.com/DS1091L.related
8
3
4
2
1
OUT
DR
VCC
VCC
fOUT
DECOUPLING
CAPACITORS
7
6
5
SEL0
VCC
N.C.
N.C.
SEL1
GND
VCC
DS1091L
For pricing, delivery, and ordering information, please contact Maxim Direct at
1-888-629-4642, or visit Maxim Integrated’s website at www.maximintegrated.com.


Similar Part No. - DS1091L_12

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1091L MAXIM-DS1091L_11 Datasheet
1Mb / 9P
   Automotive Temperature Range Spread-Spectrum Econoscillator
Rev 2; 9/11
DS1091L MAXIM-DS1091L_13 Datasheet
1Mb / 9P
   Automotive Temperature Range Spread-Spectrum EconOscillator™
Rev 3; 6/13
More results

Similar Description - DS1091L_12

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1091L MAXIM-DS1091L_13 Datasheet
1Mb / 9P
   Automotive Temperature Range Spread-Spectrum EconOscillator™
Rev 3; 6/13
DS1091L MAXIM-DS1091L Datasheet
121Kb / 6P
   Automotive Temperature Range Spread-Spectrum Econoscillator
Rev 0; 9/06
DS1091L MAXIM-DS1091L_11 Datasheet
1Mb / 9P
   Automotive Temperature Range Spread-Spectrum Econoscillator
Rev 2; 9/11
MAX31091 MAXIM-MAX31091 Datasheet
497Kb / 8P
   Automotive Temperature Range Spread-Spectrum EconOscillator?
19-7303; Rev 2; 11/18
DS1086_1203 MAXIM-DS1086_1203 Datasheet
200Kb / 15P
   Spread-Spectrum EconOscillator
Rev 2; 3/12
DS1086L MAXIM-DS1086L Datasheet
266Kb / 16P
   3.3V Spread-Spectrum EconOscillator
Rev 0; 11/03
DS1094L MAXIM-DS1094L Datasheet
496Kb / 12P
   Multiphase Spread-Spectrum EconOscillator
19-7628; Rev 2; 5/15
DS1086L_1203 MAXIM-DS1086L_1203 Datasheet
237Kb / 17P
   3.3V Spread-Spectrum EconOscillator
Rev 2; 3/12
logo
Dallas Semiconductor
DS1086 DALLAS-DS1086 Datasheet
229Kb / 14P
   DS1086 Spread-Spectrum EconOscillator
DS1087L DALLAS-DS1087L Datasheet
154Kb / 12P
   3.3V Spread-Spectrum EconOscillator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com