Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM3359_1211 Datasheet(PDF) 4 Page - Texas Instruments

Part # AM3359_1211
Description  AM335x ARM Cortex-A8 Microprocessors (MPUs)
Download  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM3359_1211 Datasheet(HTML) 4 Page - Texas Instruments

  AM3359_1211 Datasheet HTML 1Page - Texas Instruments AM3359_1211 Datasheet HTML 2Page - Texas Instruments AM3359_1211 Datasheet HTML 3Page - Texas Instruments AM3359_1211 Datasheet HTML 4Page - Texas Instruments AM3359_1211 Datasheet HTML 5Page - Texas Instruments AM3359_1211 Datasheet HTML 6Page - Texas Instruments AM3359_1211 Datasheet HTML 7Page - Texas Instruments AM3359_1211 Datasheet HTML 8Page - Texas Instruments AM3359_1211 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 222 page
background image
AM3359, AM3358, AM3357
AM3356, AM3354, AM3352
SPRS717D – OCTOBER 2011 – REVISED MAY 2012
www.ti.com
Controller (TPCC), Which Supports Up to 64
Spinlock has 128 Software-Assigned
Programmable Logical Channels and Eight
Lock Registers
QDMA Channels. EDMA is Used for:
• Security
Transfers to/from On-Chip Memories
– Crypto Hardware Accelerators (AES, SHA,
Transfers to/from External Storage (EMIF,
PKA, RNG)
General-Purpose Memory Controller,
• Boot Modes
Slave Peripherals)
– Boot Mode is Selected via Boot
• Inter-Processor Communication (IPC)
Configuration Pins Latched on the Rising
– Integrates Hardware-Based Mailbox for IPC
Edge of the PWRONRSTn Reset Input Pin
and Spinlock for Process Synchronization
• Packages:
Between the Cortex-A8, PRCM, and PRU-
– 298-Pin S-PBGA-N298 Via Channel™
ICSS
package
Mailbox Registers that Generate
(ZCE Suffix), 0.65-mm Ball Pitch
Interrupts
– 324-Pin S-PBGA-N324 package
Four Initiators (Cortex-A8, PRCM,
(ZCZ Suffix), 0.80-mm Ball Pitch
PRU0, PRU1)
1.2
Applications
Gaming Peripherals
Connected Vending Machines
Home and Industrial Automation
Weighing Scales
Consumer Medical Appliances
Educational Consoles
Printers
Advanced Toys
Smart Toll Systems
1.3
Description
The AM335x microprocessors, based on the ARM Cortex-A8, are enhanced with image, graphics
processing, peripherals and industrial interface options such as EtherCAT and PROFIBUS. The device
supports the following high-level operating systems (HLOSs) that are available free of charge from TI:
Linux®
Android™
The AM335x microprocessor contains these subsystems:
Microprocessor unit (MPU) subsystem based on the ARM Cortex-A8 microprocessor.
POWERVR SGX™ Graphics Accelerator subsystem for 3D graphics acceleration to support display
and gaming effects.
The Programmable Real-Time Unit and Industrial Communication Subsystem (PRU-ICSS) is separate
from the ARM core, allowing independent operation and clocking for greater efficiency and flexibility.
The PRU-ICSS enables additional peripheral interfaces and real-time protocols such as EtherCAT,
PROFINET, EtherNet/IP, PROFIBUS, Ethernet Powerlink, Sercos, and others.
4
Device Summary
Copyright © 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: AM3359 AM3358 AM3357 AM3356 AM3354 AM3352


Similar Part No. - AM3359_1211

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AM3359 TI-AM3359_12 Datasheet
2Mb / 195P
[Old version datasheet]   AM335x ARM짰 Cortex??A8 Microprocessors (MPUs)
AM3359 TI1-AM3359_12 Datasheet
2Mb / 197P
[Old version datasheet]   AM335x ARM짰 Cortex??A8 Microprocessors (MPUs)
More results

Similar Description - AM3359_1211

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AM3359 TI1-AM3359 Datasheet
1Mb / 162P
[Old version datasheet]   AM335x ARM Cortex-A8 Microprocessors (MPUs)
AM3352BZCZ100 TI1-AM3352BZCZ100 Datasheet
2Mb / 236P
[Old version datasheet]   Sitara AM335x ARM Cortex-A8 Microprocessors (MPUs)
AM3359 TI1-AM3359_14 Datasheet
2Mb / 236P
[Old version datasheet]   Sitara AM335x ARM Cortex-A8 Microprocessors (MPUs)
AM3359 TI-AM3359_12 Datasheet
2Mb / 195P
[Old version datasheet]   AM335x ARM짰 Cortex??A8 Microprocessors (MPUs)
AM3359 TI1-AM3359_12 Datasheet
2Mb / 197P
[Old version datasheet]   AM335x ARM짰 Cortex??A8 Microprocessors (MPUs)
AM3359 TI-AM3359_13 Datasheet
2Mb / 236P
[Old version datasheet]   Sitara??AM335x ARM짰 Cortex??A8 Microprocessors (MPUs)
AM3874 TI1-AM3874 Datasheet
2Mb / 345P
[Old version datasheet]   AM387x Sitara ARM Microprocessors (MPUs)
AM3892 TI-AM3892 Datasheet
1Mb / 299P
[Old version datasheet]   AM389x Sitara ARM Microprocessors (MPUs)
logo
List of Unclassifed Man...
A10S ETC2-A10S Datasheet
1Mb / 82P
   ARM Cortex-A8 Core
A13 ETC2-A13 Datasheet
1Mb / 55P
   ARM Cortex A8 Core
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com