Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

328209-001EN Datasheet(PDF) 4 Page - Intel Corporation

Part # 328209-001EN
Description  Intel짰 Xeon Phi??Coprocessor
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

328209-001EN Datasheet(HTML) 4 Page - Intel Corporation

  328209-001EN Datasheet HTML 1Page - Intel Corporation 328209-001EN Datasheet HTML 2Page - Intel Corporation 328209-001EN Datasheet HTML 3Page - Intel Corporation 328209-001EN Datasheet HTML 4Page - Intel Corporation 328209-001EN Datasheet HTML 5Page - Intel Corporation 328209-001EN Datasheet HTML 6Page - Intel Corporation 328209-001EN Datasheet HTML 7Page - Intel Corporation 328209-001EN Datasheet HTML 8Page - Intel Corporation 328209-001EN Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 70 page
background image
4
Reference Number: 328209-001EN
List of Figures
2-1
Intel® Xeon Phi™ Coprocessor Board Schematic ..................................................... 9
2-2
Intel® Xeon Phi™ Coprocessor Board Top side...................................................... 10
2-3
Intel® Xeon Phi™ Coprocessor Board, Back side ................................................... 11
2-4
Intel® Xeon Phi™ Coprocessor Silicon Layout ....................................................... 12
3-1
Location of Mounting Holes on the Intel® Xeon Phi™ Coprocessor (in mils) .............. 16
3-2
Dimensions of Intel® Xeon Phi™ Coprocessor (dimension in mils) ........................... 17
3-3
Entering and Exiting Thermal Throttling (PROCHOT) .............................................. 19
3-4
Exploded View of 3100 Series Active Solution ....................................................... 20
3-5
Exploded View of Passive Thermal Solution .......................................................... 21
3-6
Airflow Requirement vs. Inlet Temperature for the 5110P/3100 Series Passive Cards . 23
3-7
Airflow Requirement vs. Inlet Temperature for the SE10P Passive Card .................... 24
3-8
Airflow Requirement vs. Inlet Temperature for the 5110P Card with 245W TDP ......... 25
3-9
SE10X Power Profile for Coprocessor Intensive Workload (all values in Watts)........... 26
3-10 SE10X Power Profile for Memory Intensive Workload (all values in Watts)................. 27
3-11 SE10X SKU Coprocessor Junction Temperature (Tjunction) vs Power ....................... 28
3-12 SE10X SKU Coprocessor Case Temperature (Tcase) vs Power ................................. 29
3-13 SE10X Board Top Side....................................................................................... 31
3-14 SE10X Board Bottom Side.................................................................................. 32
3-15 Contents of Intel® Xeon Phi™ Coprocessor Package Shipment................................ 34
3-16 Overlap Lid ...................................................................................................... 34
3-17 Clearance Lid ................................................................................................... 35
3-18 Overlap Lid Removal ......................................................................................... 35
3-19 Tilt Overlap Lid and Slide as shown to Disengage Tabs........................................... 36
3-20 OEM Bracket Installation.................................................................................... 36
3-21 OEM Bracket Installation.................................................................................... 37
3-22 Replace Lid on “Overlap Lid” Units....................................................................... 37
3-23 Replace Lid on “Overlap Lid” Units (cont.) ............................................................ 38
5-1
Coprocessor in C0-state and Memory in M0-state .................................................. 45
5-2
Some cores are in C0-state and other cores in C1-state; Memory in M0-state ........... 45
5-3
All Cores In C1 state; Memory In M1 state ........................................................... 46
5-4
All Cores In Package-C3 State; Memory In M1 ...................................................... 46
5-5
Package-C3 and Memory M2 state....................................................................... 47
5-6
Package-C6 and Memory M2 state....................................................................... 47
5-7
Package-C6 and Memory M3 state....................................................................... 48
5-8
Intel® Xeon Phi™ Coprocessor P-states ............................................................... 49
6-1
Intel® Xeon Phi™ coprocessor System Manageability Architecture........................... 52
6-2
Schematic Representation of PROCHOT_N on the Intel® Xeon Phi™ coprocessor ....... 54
6-2
Example of Using Power Limits ........................................................................... 56
6-3
Write Block Command Diagram .......................................................................... 60
6-4
Read Block Command Diagram ........................................................................... 61


Similar Part No. - 328209-001EN

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
3282 ASM-SENSOR-3282 Datasheet
399Kb / 2P
   DIGITAL CLAMP ON HiTESTER
logo
KR Electronics, Inc.
3282-SMA KR-3282-SMA Datasheet
56Kb / 3P
   45 KHz Lowpass Filter
logo
Vishay Siliconix
32821E3 VISHAY-32821E3 Datasheet
121Kb / 9P
   Aluminum Electrolytic Capacitors Power Ultra Long Life Snap-In
Revision: 31-Jan-17
logo
SCHOTT CORPORATION
32824 SCHOTT-32824 Datasheet
18Kb / 1P
   TRANSFORMER, ADSL CUSTOMER PREMISE
32828 SCHOTT-32828 Datasheet
20Kb / 1P
   TRANSFORMER, ADSL CUSTOMER PREMISE
More results

Similar Description - 328209-001EN

ManufacturerPart #DatasheetDescription
logo
DFI Inc
RL830-C602 DFI-RL830-C602 Datasheet
1Mb / 2P
   3rd Gen Intel짰 Xeon EATX
logo
AAEON Technology
CRS-700M-4R AAEON-CRS-700M-4R Datasheet
121Kb / 1P
   1U Intel짰 Xeon Quad Core??Network Appliance
CRS-700M-4R AAEON-CRS-700M-4R_15 Datasheet
121Kb / 1P
   1U Intel짰 Xeon Quad Core Network Appliance
logo
Panasonic Semiconductor
LN21RCPH PANASONIC-LN21RCPH Datasheet
316Kb / 3P
   phi 5.0 mm
logo
AAEON Technology
CMB-A9SP2 AAEON-CMB-A9SP2 Datasheet
180Kb / 2P
   High-end Workstation Board with Intel짰 Xeon??Processors
logo
Analog Devices
ADMC200 AD-ADMC200_15 Datasheet
582Kb / 12P
   Motion Coprocessor
REV. B
logo
Advantech Co., Ltd.
SYS-1U1010-5S01 ADVANTECH-SYS-1U1010-5S01 Datasheet
265Kb / 1P
   1U Intel짰 Core?? Quad ATX/ LGA771 Xeon LV System
SYS-1U1010-4A01 ADVANTECH-SYS-1U1010-4A01 Datasheet
265Kb / 1P
   1U Intel짰 Core?? Quad ATX/ LGA771 Xeon LV System
logo
Gennum Corporation
GS9021 GENNUM-GS9021 Datasheet
194Kb / 26P
   EDH Coprocessor
logo
Panasonic Semiconductor
LN29RPP PANASONIC-LN29RPP Datasheet
79Kb / 2P
   Phi-4.0 mm Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com