Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

ICX063AL Datasheet(PDF) 1 Page - Sony Corporation

Part No. ICX063AL
Description  Diagonal 11mm (Type 2/3) CCD Image Sensor for CCIR B/W Video Camera
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SONY [Sony Corporation]
Homepage  http://www.sony.co.jp
Logo 

ICX063AL Datasheet(HTML) 1 Page - Sony Corporation

 
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Description
The ICX063AL is an interline CCD solid-state
image sensor suitable for CCIR black-and-white
video cameras with a diagonal 11mm (Type 2/3)
system.
High sensitivity is achieved by adopting HAD
(Hole-Accumulation
Diode)
sensors.
The
chip
features a field period readout system and an
electronic shutter with variable charge-storage time.
Features
• High resolution
• Low smear
• High sensitivity, low dark current
• Excellent antiblooming characteristics
• Continuous variable-speed shutter
Device Structure
• Image size:
Diagonal 11mm (Type 2/3)
• Number of effective pixels: 980 (H)
× 582 (V), approx. 570K pixels
• Total number of pixels:
1038 (H)
× 594 (V), approx. 620K pixels
• Interline CCD image sensor
• Chip size:
10.75mm (H)
× 8.7mm (V)
• Unit cell size:
9.4µm (H)
× 11.4µm (V)
• Optical black:
Horizontal (H) direction; front 3 pixels, rear 55 pixels
Vertical (V) direction;
front 10 pixels, rear 2 pixels
• Number of dummy bits:
Horizontal 25
Vertical 1 (even fields only)
• Substrate material:
Silicon
– 1 –
ICX063AL
E95633D99
Diagonal 11mm (Type 2/3) CCD Image Sensor for CCIR B/W Video Camera
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by
any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the
operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
Pin 1
V
3
55
2
10
Pin 11
H
Optical black position
(Top View)
20 pin DIP (Ceramic)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn