Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

ICX063AL Datasheet(PDF) 3 Page - Sony Corporation

Part No. ICX063AL
Description  Diagonal 11mm (Type 2/3) CCD Image Sensor for CCIR B/W Video Camera
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SONY [Sony Corporation]
Homepage  http://www.sony.co.jp
Logo 

ICX063AL Datasheet(HTML) 3 Page - Sony Corporation

 
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
– 3 –
ICX063AL
Item
–0.3 to +55
–0.3 to +20
–55 to +10
–15 to +20
–65 to +10
to +15
to +17
–17 to +17
–10 to +15
–55 to +10
–65 to +0.3
–0.3 to +30
–30 to +80
–10 to +60
V
V
V
V
V
V
V
V
V
V
V
V
°C
°C
1
Ratings
Unit
Remarks
Absolute Maximum Ratings
1 +27V (max.) when clock width < 10µs and the clock duty factor < 0.1%.
Substrate voltage SUB – GND
Supply voltage
Vertical, horizontal
clock input voltage
Voltage difference between vertical clock input pins
Voltage difference between horizontal clock input pins
H
φ1, Hφ2 – Vφ4
RG, VGG – GND
RG, VGG – SUB
VL – SUB
V
φ1, Vφ2, Vφ3, Vφ4, Hφ1, Hφ2, HIS, VDD, RD, VOUT,
VSS, RG, VGG – VL
Storage temperature
Operating temperature
HIS, VDD, RD, VOUT, VSS – GND
HIS, VDD, RD, VOUT, VSS – SUB
V
φ1, Vφ2, Vφ3, Vφ4, Hφ1, Hφ2 – GND
V
φ1, Vφ2, Vφ3, Vφ4, Hφ1, Hφ2 – SUB
Item
VDD
VRD
VGG
VSS
VSUB
∆VSUB
VRGL
∆VRGL
VL
VHIS
14.7
14.7
1.6
9
–3
0
–3
–13
14.7
15.0
15.0
2.0
15.0
15.3
15.3
2.6
19
+3
3.0
+3
–10
15.3
V
V
V
V
%
V
%
V
V
VRD = VDD
±5%
1
1
2
VHIS = VDD
Symbol
Min.
Typ.
Max.
Unit
Remarks
Bias Conditions
Grounded with
390
Ω resistor
Output amplifier drain voltage
Reset drain voltage
Output amplifier gate voltage
Output amplifier source
Substrate voltage adjustment range
Substrate voltage adjustment accuracy
Reset gate clock voltage adjustment range
Reset gate clock voltage adjustment accuracy
Protective transistor bias
Horizontal register input source bias


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn