Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICX062AL Datasheet(PDF) 1 Page - Sony Corporation

Part # ICX062AL
Description  Diagonal 11mm (Type 2/3) CCD Image Sensor for EIA B/W Video Camera
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

ICX062AL Datasheet(HTML) 1 Page - Sony Corporation

  ICX062AL Datasheet HTML 1Page - Sony Corporation ICX062AL Datasheet HTML 2Page - Sony Corporation ICX062AL Datasheet HTML 3Page - Sony Corporation ICX062AL Datasheet HTML 4Page - Sony Corporation ICX062AL Datasheet HTML 5Page - Sony Corporation ICX062AL Datasheet HTML 6Page - Sony Corporation ICX062AL Datasheet HTML 7Page - Sony Corporation ICX062AL Datasheet HTML 8Page - Sony Corporation ICX062AL Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Description
The ICX062AL is an interline CCD solid-state
image sensor suitable for EIA black-and-white video
cameras with a diagonal 11mm (Type 2/3)
system.
High sensitivity is achieved by adopting HAD (Hole-
Accumulation Diode) sensors. The chip features a
field period readout system and an electronic shutter
with variable charge-storage time.
Features
• High resolution
• Low smear
• High sensitivity, low dark current
• Excellent antiblooming characteristics
• Continuous variable-speed shutter
Device Structure
• Image size:
Diagonal 11mm (Type 2/3)
• Number of effective pixels: 980 (H)
× 494 (V), approx. 480K pixels
• Total number of pixels:
1038 (H)
× 504 (V), approx. 520K pixels
• Interline CCD image sensor
• Chip size:
10.75mm (H)
× 8.7mm (V)
• Unit cell size:
9.3µm (H)
× 13.6µm (V)
• Optical black:
Horizontal (H) direction; front 3 pixels, rear 55 pixels
Vertical (V) direction;
front 8 pixels, rear 2 pixels
• Number of dummy bits:
Horizontal 25
Vertical 1 (even fields only)
• Substrate material:
Silicon
– 1 –
ICX062AL
E95632D99
Diagonal 11mm (Type 2/3) CCD Image Sensor for EIA B/W Video Camera
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by
any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the
operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
Pin 1
V
3
55
2
8
Pin 11
H
Optical black position
(Top View)
20 pin DIP (Ceramic)


Similar Part No. - ICX062AL

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX063AL SONY-ICX063AL Datasheet
225Kb / 16P
   Diagonal 11mm (Type 2/3) CCD Image Sensor for CCIR B/W Video Camera
ICX068AK SONY-ICX068AK Datasheet
232Kb / 18P
   Diagonal 4.5mm (Type 1/4) CCD Image Sensor for NTSC Color Video Cameras
ICX068AK SONY-ICX068AK Datasheet
230Kb / 18P
   Diagonal 4.5mm (Type 1/4) CCD Image Sensor for NTSC Color Video Cameras
ICX068AKB SONY-ICX068AKB Datasheet
197Kb / 17P
   Diagonal 4.5mm (Type 1/4) CCD Image Sensor for NTSC Color Video Cameras
ICX068AKB SONY-ICX068AKB Datasheet
194Kb / 17P
   Diagonal 4.5mm (Type 1/4) CCD Image Sensor for NTSC Color Video Cameras
More results

Similar Description - ICX062AL

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX422AL SONY-ICX422AL Datasheet
161Kb / 16P
   Diagonal 11mm (Type 2/3) CCD Image Sensor for EIA B/W Video Cameras
ICX063AL SONY-ICX063AL Datasheet
225Kb / 16P
   Diagonal 11mm (Type 2/3) CCD Image Sensor for CCIR B/W Video Camera
ICX423AL SONY-ICX423AL Datasheet
161Kb / 16P
   Diagonal 11mm (Type 2/3) CCD Image Sensor for CCIR B/W Video Cameras
ICX082AL SONY-ICX082AL Datasheet
232Kb / 16P
   Diagonal 11mm (Type 2/3) CCD Image Sensor for EIA Black-and-White Video Cameras
ICX418ALL SONY-ICX418ALL Datasheet
174Kb / 20P
   Diagonal 8mm (Type 1/2) CCD Image Sensor for EIA B/W Video Cameras
ICX428ALB SONY-ICX428ALB Datasheet
222Kb / 20P
   Diagonal 8mm (Type 1/2) CCD Image Sensor for EIA B/W Video Cameras
ICX258AL SONY-ICX258AL Datasheet
187Kb / 17P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for EIA B/W Video Cameras
ICX404AL SONY-ICX404AL Datasheet
190Kb / 17P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for EIA B/W Video Cameras
ICX408AL SONY-ICX408AL Datasheet
193Kb / 17P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for EIA B/W Video Cameras
ICX054BL SONY-ICX054BL Datasheet
198Kb / 18P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for EIA B/W Video Cameras
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com