Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

ICX062AL Datasheet(PDF) 8 Page - Sony Corporation

Part No. ICX062AL
Description  Diagonal 11mm (Type 2/3) CCD Image Sensor for EIA B/W Video Camera
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SONY [Sony Corporation]
Homepage  http://www.sony.co.jp
Logo 

ICX062AL Datasheet(HTML) 8 Page - Sony Corporation

Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
– 8 –
ICX062AL
(4) Substrate clock waveform
90%
100%
10%
0%
VSUB
tr
twh
tf
φM
φM
2
V
φSUB
Clock Switching Characteristics
Item
Readout clock
Vertical transfer
clock
Horizontal
transfer clock
Reset gate
clock
Substrate clock
VT
V
φ1, Vφ2
V
φ3, Vφ4
H
φ
H
φ1
H
φ2
φRG
φSUB
2.4
62.6
1.3
20
4.5
10
1.9
0.74
62.1
20
4.5
41.6
0.2
0.1
0.1
8
0.01
0.01
2.0
0.08
0.1
0.1
0.1
8
0.01
0.01
2.0
0.1
µs
µs
µs
ns
µs
µs
ns
µs
During
readout
During
imaging
During
imaging
During
parallel-serial
conversion
During drain
charge
Symbol
twh
Min. Typ. Max. Min. Typ. Max. Min. Typ. Max. Min. Typ. Max.
twl
tr
tf
Unit
Remarks
(3) Horizontal transfer clock waveform and reset gate clock waveform
tr
twh
tf
90%
10%
twl
V
φH, VφRG
VHL, VRGL


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn