Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICX062AL Datasheet(PDF) 3 Page - Sony Corporation

Part # ICX062AL
Description  Diagonal 11mm (Type 2/3) CCD Image Sensor for EIA B/W Video Camera
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

ICX062AL Datasheet(HTML) 3 Page - Sony Corporation

  ICX062AL Datasheet HTML 1Page - Sony Corporation ICX062AL Datasheet HTML 2Page - Sony Corporation ICX062AL Datasheet HTML 3Page - Sony Corporation ICX062AL Datasheet HTML 4Page - Sony Corporation ICX062AL Datasheet HTML 5Page - Sony Corporation ICX062AL Datasheet HTML 6Page - Sony Corporation ICX062AL Datasheet HTML 7Page - Sony Corporation ICX062AL Datasheet HTML 8Page - Sony Corporation ICX062AL Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
– 3 –
ICX062AL
Item
–0.3 to +55
–0.3 to +20
–55 to +10
–15 to +20
–65 to +10
to +15
to +17
–17 to +17
–10 to +15
–55 to +10
–65 to +0.3
–0.3 to +30
–30 to +80
–10 to +60
V
V
V
V
V
V
V
V
V
V
V
V
°C
°C
1
Ratings
Unit
Remarks
Absolute Maximum Ratings
1 +27V (max.) when clock width < 10µs and the clock duty factor < 0.1%.
Substrate voltage SUB – GND
Supply voltage
Vertical, horizontal
clock input voltage
Voltage difference between vertical clock input pins
Voltage difference between horizontal clock input pins
H
φ1, Hφ2 – Vφ4
RG, VGG – GND
RG, VGG – SUB
VL – SUB
V
φ1, Vφ2, Vφ3, Vφ4, Hφ1, Hφ2, HIS, VDD, RD, VOUT,
VSS, RG, VGG – VL
Storage temperature
Operating temperature
HIS, VDD, RD, VOUT, VSS – GND
HIS, VDD, RD, VOUT, VSS – SUB
V
φ1, Vφ2, Vφ3, Vφ4, Hφ1, Hφ2 – GND
V
φ1, Vφ2, Vφ3, Vφ4, Hφ1, Hφ2 – SUB
Item
VDD
VRD
VGG
VSS
VSUB
∆VSUB
VRGL
∆VRGL
VL
VHIS
14.7
14.7
1.6
9
–3
0
–3
–13
14.7
15.0
15.0
2.0
15.0
15.3
15.3
2.6
19
+3
3.0
+3
–10
15.3
V
V
V
V
%
V
%
V
V
VRD = VDD
±5%
1
1
2
VHIS = VDD
Symbol
Min.
Typ.
Max.
Unit
Remarks
Bias Conditions
Grounded with
390
Ω resistor
Output amplifier drain voltage
Reset drain voltage
Output amplifier gate voltage
Output amplifier source
Substrate voltage adjustment range
Substrate voltage adjustment accuracy
Reset gate clock voltage adjustment range
Reset gate clock voltage adjustment accuracy
Protective transistor bias
Horizontal register input source bias


Similar Part No. - ICX062AL

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX063AL SONY-ICX063AL Datasheet
225Kb / 16P
   Diagonal 11mm (Type 2/3) CCD Image Sensor for CCIR B/W Video Camera
ICX068AK SONY-ICX068AK Datasheet
232Kb / 18P
   Diagonal 4.5mm (Type 1/4) CCD Image Sensor for NTSC Color Video Cameras
ICX068AK SONY-ICX068AK Datasheet
230Kb / 18P
   Diagonal 4.5mm (Type 1/4) CCD Image Sensor for NTSC Color Video Cameras
ICX068AKB SONY-ICX068AKB Datasheet
197Kb / 17P
   Diagonal 4.5mm (Type 1/4) CCD Image Sensor for NTSC Color Video Cameras
ICX068AKB SONY-ICX068AKB Datasheet
194Kb / 17P
   Diagonal 4.5mm (Type 1/4) CCD Image Sensor for NTSC Color Video Cameras
More results

Similar Description - ICX062AL

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX422AL SONY-ICX422AL Datasheet
161Kb / 16P
   Diagonal 11mm (Type 2/3) CCD Image Sensor for EIA B/W Video Cameras
ICX063AL SONY-ICX063AL Datasheet
225Kb / 16P
   Diagonal 11mm (Type 2/3) CCD Image Sensor for CCIR B/W Video Camera
ICX423AL SONY-ICX423AL Datasheet
161Kb / 16P
   Diagonal 11mm (Type 2/3) CCD Image Sensor for CCIR B/W Video Cameras
ICX082AL SONY-ICX082AL Datasheet
232Kb / 16P
   Diagonal 11mm (Type 2/3) CCD Image Sensor for EIA Black-and-White Video Cameras
ICX418ALL SONY-ICX418ALL Datasheet
174Kb / 20P
   Diagonal 8mm (Type 1/2) CCD Image Sensor for EIA B/W Video Cameras
ICX428ALB SONY-ICX428ALB Datasheet
222Kb / 20P
   Diagonal 8mm (Type 1/2) CCD Image Sensor for EIA B/W Video Cameras
ICX258AL SONY-ICX258AL Datasheet
187Kb / 17P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for EIA B/W Video Cameras
ICX404AL SONY-ICX404AL Datasheet
190Kb / 17P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for EIA B/W Video Cameras
ICX408AL SONY-ICX408AL Datasheet
193Kb / 17P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for EIA B/W Video Cameras
ICX054BL SONY-ICX054BL Datasheet
198Kb / 18P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for EIA B/W Video Cameras
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com