Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

ICX059CL Datasheet(PDF) 1 Page - Sony Corporation

Part No. ICX059CL
Description  Diagonal 6mm (Type 1/3) CCD Image Sensor for CCIR Black-and-White Video Camera
Download  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SONY [Sony Corporation]
Homepage  http://www.sony.co.jp
Logo 

ICX059CL Datasheet(HTML) 1 Page - Sony Corporation

 
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
Description
The ICX059CL is an interline CCD solid-state image
sensor suitable for CCIR black-and-white video cameras.
Compared
with
the
current
product
ICX059AL,
sensitivity is improved drastcally through the adoption
of Super HAD CCD technology.
This chip features a field period readout system and
an electronic shutter with variable charge-storage time.
Features
• High sensitivity (+4dB at F8, +3dB at F1.2 compared with ICX059AL)
• High resolution, low smear and low dark current
• Excellent antiblooming characteristics
• Continuous variable-speed shutter
• Horizontal register:
5V drive
• Reset gate:
5V drive
Device Structure
• Interline CCD image sensor
• Image size:
Diagonal 6mm (Type 1/3)
• Number of effective pixels:
752 (H)
× 582 (V) approx. 440K pixels
• Number of total pixels:
795 (H)
× 596 (V) approx. 470K pixels
• Chip size:
6.00mm (H)
× 4.96mm (V)
• Unit cell size:
6.50µm (H)
× 6.25µm (V)
• Optical black:
Horizontal (H) direction:
Front 3 pixels, rear 40 pixels
Vertical (V) direction:
Front 12 pixels, rear 2 pixels
• Number of dummy bits:
Horizontal 22
Vertical 1 (even field only)
• Substrate material:
Silicon
– 1 –
ICX059CL
E97X22A99
Diagonal 6mm (Type 1/3) CCD Image Sensor for CCIR Black-and-White Video Camera
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by
any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the
operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
Pin 1
V
3
40
2
12
Pin 9
H
Optical black position
(Top View)
16 pin DIP (Plastic)
Super HAD CCD is a registered trademark of Sony Corporation. Super HAD CCD is a CCD that drastically improves sensitivity by introducing newly
developed semiconductor technology by Sony Corporation into Sony's high-performance HAD (Hole-Accumulation Diode) sensor.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn