Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DF50A-15S-1C Datasheet(PDF) 8 Page - Hirose Electric

Part # DF50A-15S-1C
Description  1 mm Pitch, WtoB, Positive Lock Connector
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF50A-15S-1C Datasheet(HTML) 8 Page - Hirose Electric

Back Button DF50A-15S-1C Datasheet HTML 4Page - Hirose Electric DF50A-15S-1C Datasheet HTML 5Page - Hirose Electric DF50A-15S-1C Datasheet HTML 6Page - Hirose Electric DF50A-15S-1C Datasheet HTML 7Page - Hirose Electric DF50A-15S-1C Datasheet HTML 8Page - Hirose Electric DF50A-15S-1C Datasheet HTML 9Page - Hirose Electric DF50A-15S-1C Datasheet HTML 10Page - Hirose Electric DF50A-15S-1C Datasheet HTML 11Page - Hirose Electric DF50A-15S-1C Datasheet HTML 12Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
DF50 Series1 mm Pitch, WtoB, Positive Lock Connector
Double row socket
Unit : mm
Part Number
CL No.
Number of contacts
A
B
DF50-20DS-1C
Under development
20
12.28
9
DF50-30DS-1C
665-0003-3-00
30
17.28
14
DF50-40DS-1C
665-0006-1-00
40
22.28
19
DF50-50DS-1C
Under development
50
27.28
24
Note 1. The quantity is delivered per bag (1000 pcs.).
If needed, please select and order the products per bag.
B
P=1
A
Contact No.*-1
Contact No.1
Contact No.1 mark
Contact No.*
Contact No.2
HRS mark
CAV No.
8.5


Similar Part No. - DF50A-15S-1C

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF50A-15S-1C HIROSE-DF50A-15S-1C Datasheet
1Mb / 12P
   1mm Pitch, Board to Cable Lock Connector
DF50A-15S-1C HIROSE-DF50A-15S-1C Datasheet
629Kb / 12P
   1mm Pitch, Board to Wire Lock Connector
More results

Similar Description - DF50A-15S-1C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VAC13KS ETC2-VAC13KS Datasheet
257Kb / 2P
   Positive Lock Connector & mating inlet
logo
Tyco Electronics
341001-7 MACOM-341001-7 Datasheet
73Kb / 1P
   POSITIVE LOCK RECEPTACLE
logo
List of Unclassifed Man...
1-160759-1 ETC2-1-160759-1 Datasheet
100Kb / 1P
   POSITIVE LOCK REC
logo
Omron Electronics LLC
XF2H OMRON-XF2H Datasheet
312Kb / 6P
   0.5 mm-Pitch Rotary-Lock FPC Connector
logo
DDK Ltd.
FF19CE-18B-R11BP DDK-FF19CE-18B-R11BP Datasheet
199Kb / 3P
   0.4 mm Pitch Back-Lock FPC Connector
FF34-18A-R11B DDK-FF34-18A-R11B Datasheet
197Kb / 3P
   0.4 mm Pitch Back-Lock FPC Connector
logo
Tyco Electronics
100100-1 MACOM-100100-1 Datasheet
52Kb / 1P
   2 POSITION POSITIVE-LOCK HOUSING
logo
Molex Electronics Ltd.
501939-0503 MOLEX-501939-0503 Datasheet
136Kb / 2P
   1.0 WIRE TO BOARD CONN. 1-ROW RECPTACLE HOUSING POSITIVE LOCK
5054321201 MOLEX1-5054321201 Datasheet
38Kb / 1P
   Micro-Lock PLUS Receptacle Housing, 1.25mm Pitch, Dual Row, with Positive Lock
5054321001 MOLEX1-5054321001 Datasheet
38Kb / 1P
   Micro-Lock PLUS Receptacle Housing, 1.25mm Pitch, Dual Row, with Positive Lock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com