Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DF50A-7S-1C Datasheet(PDF) 1 Page - Hirose Electric

Part # DF50A-7S-1C
Description  1 mm Pitch, WtoB, Positive Lock Connector
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF50A-7S-1C Datasheet(HTML) 1 Page - Hirose Electric

  DF50A-7S-1C Datasheet HTML 1Page - Hirose Electric DF50A-7S-1C Datasheet HTML 2Page - Hirose Electric DF50A-7S-1C Datasheet HTML 3Page - Hirose Electric DF50A-7S-1C Datasheet HTML 4Page - Hirose Electric DF50A-7S-1C Datasheet HTML 5Page - Hirose Electric DF50A-7S-1C Datasheet HTML 6Page - Hirose Electric DF50A-7S-1C Datasheet HTML 7Page - Hirose Electric DF50A-7S-1C Datasheet HTML 8Page - Hirose Electric DF50A-7S-1C Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
1 mm Pitch, WtoB, Positive Lock Connector
DF50 Series
2010.9
Features
1.Positive lock provides clear tactile click and
secure mating
Thanks to the structure at the base of the terminal
contacting at the same time as the lock engages, there is a
clear tactile click engagement, which enables secure
mating.(fig1)
2.Resistant to wrenching forces
The thick and durable housing offers enhanced strength
against wall breakage. The deep mating and housings
pressed against each other also enhance the strength of the
structure against stress.
3.Robust and reliable lance structure
The crimping terminal receiving the lance on both surfaces
helps enhance the lance strength.
4.The adsorption area is secured and no need
for any adsorption cap
Although compact in size, a sufficient adsorption area is
secured and automatic implementation is possible without
an adsorption cap.
(* Adsorption cap specification is also available on request)
5.Available for coating external diameter 0.9mm,
AWG#28
Although a 1mm pitch, it's also compatible with 0.9mm,
UL1061-AWG#28 cable (Ø0.127∞7)
Clear tactile click and secure mating
Resistant to wrenching forces
Robust and reliable lance structure
(fig1)
(fig.2)
(fig.3)
A clear click engagement generated when locking starts,
matching that of the terminal which comes into contact.
A structure that withstands stresses with deep mating.
The thick external wall enhances strength against wall breakage.
The lance connection can also be visually confirmed.
The crimping terminal receving the lance on surface
Locking


Similar Part No. - DF50A-7S-1C

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF50A-7S-1C HIROSE-DF50A-7S-1C Datasheet
1Mb / 12P
   1mm Pitch, Board to Cable Lock Connector
DF50A-7S-1C HIROSE-DF50A-7S-1C Datasheet
629Kb / 12P
   1mm Pitch, Board to Wire Lock Connector
More results

Similar Description - DF50A-7S-1C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VAC13KS ETC2-VAC13KS Datasheet
257Kb / 2P
   Positive Lock Connector & mating inlet
logo
Tyco Electronics
341001-7 MACOM-341001-7 Datasheet
73Kb / 1P
   POSITIVE LOCK RECEPTACLE
logo
List of Unclassifed Man...
1-160759-1 ETC2-1-160759-1 Datasheet
100Kb / 1P
   POSITIVE LOCK REC
logo
Omron Electronics LLC
XF2H OMRON-XF2H Datasheet
312Kb / 6P
   0.5 mm-Pitch Rotary-Lock FPC Connector
logo
DDK Ltd.
FF19CE-18B-R11BP DDK-FF19CE-18B-R11BP Datasheet
199Kb / 3P
   0.4 mm Pitch Back-Lock FPC Connector
FF34-18A-R11B DDK-FF34-18A-R11B Datasheet
197Kb / 3P
   0.4 mm Pitch Back-Lock FPC Connector
logo
Tyco Electronics
100100-1 MACOM-100100-1 Datasheet
52Kb / 1P
   2 POSITION POSITIVE-LOCK HOUSING
logo
Molex Electronics Ltd.
501939-0503 MOLEX-501939-0503 Datasheet
136Kb / 2P
   1.0 WIRE TO BOARD CONN. 1-ROW RECPTACLE HOUSING POSITIVE LOCK
5054321201 MOLEX1-5054321201 Datasheet
38Kb / 1P
   Micro-Lock PLUS Receptacle Housing, 1.25mm Pitch, Dual Row, with Positive Lock
5054321001 MOLEX1-5054321001 Datasheet
38Kb / 1P
   Micro-Lock PLUS Receptacle Housing, 1.25mm Pitch, Dual Row, with Positive Lock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com