Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DF50A-5S-1C Datasheet(PDF) 11 Page - Hirose Electric

Part # DF50A-5S-1C
Description  1 mm Pitch, WtoB, Positive Lock Connector
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF50A-5S-1C Datasheet(HTML) 11 Page - Hirose Electric

Back Button DF50A-5S-1C Datasheet HTML 4Page - Hirose Electric DF50A-5S-1C Datasheet HTML 5Page - Hirose Electric DF50A-5S-1C Datasheet HTML 6Page - Hirose Electric DF50A-5S-1C Datasheet HTML 7Page - Hirose Electric DF50A-5S-1C Datasheet HTML 8Page - Hirose Electric DF50A-5S-1C Datasheet HTML 9Page - Hirose Electric DF50A-5S-1C Datasheet HTML 10Page - Hirose Electric DF50A-5S-1C Datasheet HTML 11Page - Hirose Electric DF50A-5S-1C Datasheet HTML 12Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
DF50 Series1 mm Pitch, WtoB, Positive Lock Connector
1.Recommended temperature profile
Note 1: Up to 2 cycles of Reflow soldering are possible under the same conditions,
provided that there is a return to normal temperature between the first and
second cycle.
Note 2: The temperature profile indicates the board surface temperature at the
point of contacts with the connector terminals.
2.Recommended manual soldering
Manual soldering: 350ç±10ç for 3 to 4 seconds
3.Recommended screen thickness and
open area ratio (Pattern area ratio)
Standard thickness 0.1mm
Open area ratios:100%
4.Board warpage
Maximum of 0.02mm at the connector center, with both ends of the connector as
reference points.
5.Cleaning conditions
Refer to “Nylon Connector Use Handbook”.
6.Precautions
▪ Mating and un-mating of the connectors when not soldered on the boards is not
recommended as this may cause deformation of the terminals, damage to the
contacts or insulators.
▪ When mating/un-mating do not twist or lift by the corners. Apply the forces evenly
across the entire length and width of the connectors taking care NOT to damage
or deform soldered terminations.
▪ Slight discoloration on the insulating materials will not affect form, fit or function of
the connectors.
Usage Recommendations
TIME (sec)
180ç
100
150
200
250
220ç
PRE-HEATING TIME
SOLDERING TIME
MAX 250ç
90
~120sec
60secMAX
10secMAX
0


Similar Part No. - DF50A-5S-1C

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF50A-5S-1C HIROSE-DF50A-5S-1C Datasheet
1Mb / 12P
   1mm Pitch, Board to Cable Lock Connector
DF50A-5S-1C HIROSE-DF50A-5S-1C Datasheet
629Kb / 12P
   1mm Pitch, Board to Wire Lock Connector
More results

Similar Description - DF50A-5S-1C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VAC13KS ETC2-VAC13KS Datasheet
257Kb / 2P
   Positive Lock Connector & mating inlet
logo
Tyco Electronics
341001-7 MACOM-341001-7 Datasheet
73Kb / 1P
   POSITIVE LOCK RECEPTACLE
logo
List of Unclassifed Man...
1-160759-1 ETC2-1-160759-1 Datasheet
100Kb / 1P
   POSITIVE LOCK REC
logo
Omron Electronics LLC
XF2H OMRON-XF2H Datasheet
312Kb / 6P
   0.5 mm-Pitch Rotary-Lock FPC Connector
logo
DDK Ltd.
FF19CE-18B-R11BP DDK-FF19CE-18B-R11BP Datasheet
199Kb / 3P
   0.4 mm Pitch Back-Lock FPC Connector
FF34-18A-R11B DDK-FF34-18A-R11B Datasheet
197Kb / 3P
   0.4 mm Pitch Back-Lock FPC Connector
logo
Tyco Electronics
100100-1 MACOM-100100-1 Datasheet
52Kb / 1P
   2 POSITION POSITIVE-LOCK HOUSING
logo
Molex Electronics Ltd.
501939-0503 MOLEX-501939-0503 Datasheet
136Kb / 2P
   1.0 WIRE TO BOARD CONN. 1-ROW RECPTACLE HOUSING POSITIVE LOCK
5054321201 MOLEX1-5054321201 Datasheet
38Kb / 1P
   Micro-Lock PLUS Receptacle Housing, 1.25mm Pitch, Dual Row, with Positive Lock
5054321001 MOLEX1-5054321001 Datasheet
38Kb / 1P
   Micro-Lock PLUS Receptacle Housing, 1.25mm Pitch, Dual Row, with Positive Lock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com