Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RSB-4210IF-A78AAE Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # RSB-4210IF-A78AAE
Description  SBC with Freescale i.MX53 Series Processor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

RSB-4210IF-A78AAE Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  RSB-4210IF-A78AAE Datasheet HTML 1Page - Advantech Co., Ltd. RSB-4210IF-A78AAE Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
RISC Computing Solutions
Features
ƒ Freescale ARM® Cortex™-A8 i.MX53 1 GHz high performance processor
ƒ Supports OpenGL ES 2.0 and OpenVG™ 1.1 hardware accelerators
ƒ Supports full HD 1080p video decode and HD 720p video encode hardware
engine
ƒ LCD, Touch, UART, I2C, SPI, GPIO, USB, VGA, HDMI I/O interface
ƒ Supports SATA storage interface and CAN-bus for vehicle applications
ƒ DC power input support 9 ~ 24 V
ƒ Supports Android, Embedded Linux2.6, Windows® Embedded Compact 7
RSB-4210
SBC with Freescale
i.MX53 Series Processor
Specifications
Kernel
CPU
Freescale i.MX535 Cortex-A8 1 GHz (i.MX536 Cortex-A8 800 MHz for wide temp. only)
Multi-Media Support
1080p decode/ 720p encode
2D/3D Accelerators
Supports OpenGLES 1.1&2.0, OpenVG1.1
System RAM
256 MB/512 MB DDR3 Memory
Image/AP Flash
2 GB onboard flash (RSB-4210CB-A60AAE without onboard flash)
Graphics Chip
24-bit LCD controller by CPU
RTC
Yes
Watchdog Timer
Yes
Power Management
Normal / idle mode
Reset
H/W reset & S/W reset
I/O
COM
UART1 pin header x1 (2 wires)
UART2 RS-232 DB9 connector x1 (4 wires)
UART3 RS-485 phoenix connector x1 (2 wires)
UART4, UART5 pin header x2 (4 wires)
Ethernet LAN
2 x 10/100 Mbps (optional)
USB Host
4 x (2 x type A; 1 x pin header; 1 x mini PCIe)
USB OTG
1
SD/MMC
2
SATA
1
Touch
4-wire resistive type
Keypad
6 x 6 matrix
I2C Interface
1
I2S Interface
1
CANBus
Optional
SPI Interface
1
HDMI
RSB-4210CH-A78AAE only
VGA
1
Mini PCIe Connector
Yes (USB interface)
System Bus
Yes (optional)
GPIO
20-pin 3.3V TTL level GPIOs
Multimedia
Graphics Chip
CPU internal 24-bit LCD controller
Resolution
Default 800 x 480 WVGA ; 320 x 240 ~ 1920 x 1080 (optional)
LCD Interface
2 x 24-bit LVDS LCD connector
Brightness/Backlight Control
Yes
Audio
Line-in, Line-out, MIC-in, Speaker out
Power
DC-input
9V ~ 24V +- 5%
Power Consumption
Normal Run
2.3 Watts
Full Run
3.8 Watts
Mechanical & Environmental
Board Size
146 x 102 x 20 mm
Weight
110g
Operating Temperature
0 ~ 60° C (-20 ~ 70° C, -40 ~ 85° C wide temperature support)
Operating Humidity
5% ~ 95 % relative humidity, non-condensing
Other
RoHS
Yes
Certifications
CE/FCC Class A
Software Support
Embedded Linux 2.6 (WEC7, Android project-based)
Microsoft®
Windows®
Embedded
All product specifications are subject to change without notice
Last updated : 18-Jun-2012


Similar Part No. - RSB-4210IF-A78AAE

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
RSB-4210DK-B00E ADVANTECH-RSB-4210DK-B00E Datasheet
1Mb / 2P
   Freescale i.MX53 SBC with Linux Kernel 2.6
RSB-4210DK-B00E ADVANTECH-RSB-4210DK-B00E Datasheet
1Mb / 2P
   Freescale i.MX53 SBC with Linux Kernel 2.6
RSB-4210DK-B00E ADVANTECH-RSB-4210DK-B00E Datasheet
993Kb / 2P
   Freescale ARM Cortex-A8 i.MX53 SBC
RSB-4210EVALUATIONKIT ADVANTECH-RSB-4210EVALUATIONKIT Datasheet
1Mb / 2P
   Freescale i.MX53 SBC with Linux Kernel 2.6
RSB-4210 ADVANTECH-RSB-4210_12 Datasheet
1Mb / 2P
   Freescale i.MX53 SBC with Linux Kernel 2.6
More results

Similar Description - RSB-4210IF-A78AAE

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ROM-1210 ADVANTECH-ROM-1210 Datasheet
1Mb / 2P
   COM with Freescale i.MX53 Series Processor
RSB-4210 ADVANTECH-RSB-4210_12 Datasheet
1Mb / 2P
   Freescale i.MX53 SBC with Linux Kernel 2.6
RSB-4210 ADVANTECH-RSB-4210_15 Datasheet
993Kb / 2P
   Freescale ARM Cortex-A8 i.MX53 SBC
RSB-4210EVALUATIONKIT ADVANTECH-RSB-4210EVALUATIONKIT Datasheet
1Mb / 2P
   Freescale i.MX53 SBC with Linux Kernel 2.6
logo
Active-Semi, Inc
ACT8939 ACTIVE-SEMI-ACT8939 Datasheet
91Kb / 2P
   Advanced PMU for Freescale i.MX53 Processor
05-Dec-11
ACT8899 ACTIVE-SEMI-ACT8899 Datasheet
78Kb / 2P
   Advanced PMU for Freescale i.MX53 Processor
05-Dec-11
ACT8939 ACTIVE-SEMI-ACT8939_14 Datasheet
98Kb / 3P
   Advanced PMU for Freescale i.MX53 Processor
15-Aug-13
logo
Advantech Co., Ltd.
ROM-1210EVALUATIONKIT ADVANTECH-ROM-1210EVALUATIONKIT_14 Datasheet
1Mb / 2P
   Freescale i.MX53 COM with Linux Kernel 2.6
ROM-1210 ADVANTECH-ROM-1210_15 Datasheet
791Kb / 2P
   Freescale ARM Cortex-A8 i.MX53 RTX Module
RSB-3410 ADVANTECH-RSB-3410_15 Datasheet
576Kb / 2P
   Freescale i.MX6 Pico-ITX SBC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com