Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DF50-40DS-1C Datasheet(PDF) 3 Page - Hirose Electric

Part # DF50-40DS-1C
Description  1 mm Pitch, WtoB, Positive Lock Connector
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF50-40DS-1C Datasheet(HTML) 3 Page - Hirose Electric

  DF50-40DS-1C Datasheet HTML 1Page - Hirose Electric DF50-40DS-1C Datasheet HTML 2Page - Hirose Electric DF50-40DS-1C Datasheet HTML 3Page - Hirose Electric DF50-40DS-1C Datasheet HTML 4Page - Hirose Electric DF50-40DS-1C Datasheet HTML 5Page - Hirose Electric DF50-40DS-1C Datasheet HTML 6Page - Hirose Electric DF50-40DS-1C Datasheet HTML 7Page - Hirose Electric DF50-40DS-1C Datasheet HTML 8Page - Hirose Electric DF50-40DS-1C Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
DF50 Series1 mm Pitch, WtoB, Positive Lock Connector
Ordering information
Connector
DF50 − * DP − 1 V **
Crimp contact
DF50 − 2830 SCF A
Specifications
(51):SMT Embossed tape packaging
(52):SMT Embossed tape packaging
(with vacuum pick-up cap)
Applicable Conductor
2830 : AWG 28 to AWG 30
3032 : AWG 30 to AWG 32(under development)
Plating specification
A:gold plating
Series name : DF50(double-row)
DF50A(single-row)
Number of positions : 20, 30, 40, 50(double-row)
: 2 to 16(single-row)
Connector type
DP : Double-row header
DS : Double-row socket
P : Single-row header
S : Single-row socket
Contact pitch:1.0mm
Type of housing
C : Crimp socket
V: Straight SMT
H: Right angle SMT(under development)


Similar Part No. - DF50-40DS-1C

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF50-40DP-1H HIROSE-DF50-40DP-1H Datasheet
1Mb / 12P
   1mm Pitch, Board to Cable Lock Connector
java.util.regex.PatternSyntaxException: Dangling meta character '*' near index 13 DF50-40DP-1H(**) ^

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com