Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DF50-20DS-1C Datasheet(PDF) 10 Page - Hirose Electric

Part # DF50-20DS-1C
Description  1 mm Pitch, WtoB, Positive Lock Connector
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF50-20DS-1C Datasheet(HTML) 10 Page - Hirose Electric

Back Button DF50-20DS-1C Datasheet HTML 4Page - Hirose Electric DF50-20DS-1C Datasheet HTML 5Page - Hirose Electric DF50-20DS-1C Datasheet HTML 6Page - Hirose Electric DF50-20DS-1C Datasheet HTML 7Page - Hirose Electric DF50-20DS-1C Datasheet HTML 8Page - Hirose Electric DF50-20DS-1C Datasheet HTML 9Page - Hirose Electric DF50-20DS-1C Datasheet HTML 10Page - Hirose Electric DF50-20DS-1C Datasheet HTML 11Page - Hirose Electric DF50-20DS-1C Datasheet HTML 12Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
DF50 Series1 mm Pitch, WtoB, Positive Lock Connector
Crimping Contact
Unit : mm
Part Number
CL No.
Packaging type
Quantity
Finish
DF50-2830SCFA
665-0002-0-00
Reel
(30,000/Reel)
Gold plated
DF50-3032SCFA
Under development
Note 1: Tape and reel packaging (30,000 pieces/reel). Order by number of reels.
Conductor Size (Wire construction)
Jacket diameter
AWG28 (7/Ø0.127mm)
Ø0.88mm
AWG30 (7/Ø0.102mm)
Ø0.80mm
Note : If other cables are used instead of the applicable cable,
please contact the Hirose sales department.
Applicable Cable (Tin Plating Annealed Copper Wire)
Recommended Cable
UL1061
Strip Length
1.5~1.9mm
Applicable Crimping Tool
Type
Part Number
CL No.
Applicable contact
Applicator
AP105-DF50-2830S
901-4616-0
DF50-2830SCFA
Press main unit
CM-105
901-0005-4
Manual crimping tool
HT305/DF50-2830HC
550
DF50-2830SCFA
Extraction tool
DF-C-PO (B)
550-0179-2
DF50-2830SCFA
Note 1. If a trouble has occurred due to other tools, which are not designated by Hirose,
Hirose won't guarantee any product.
0.63
0.12
1.4
2.7
4
Ø1.2


Similar Part No. - DF50-20DS-1C

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF50-20DP-1H HIROSE-DF50-20DP-1H Datasheet
1Mb / 12P
   1mm Pitch, Board to Cable Lock Connector
java.util.regex.PatternSyntaxException: Dangling meta character '*' near index 13 DF50-20DP-1H(**) ^

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com