Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICX059 Datasheet(PDF) 4 Page - Sony Corporation

Part # ICX059
Description  1/3-inch CCD Image Sensor for PAL Color Camera
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

ICX059 Datasheet(HTML) 4 Page - Sony Corporation

  ICX059 Datasheet HTML 1Page - Sony Corporation ICX059 Datasheet HTML 2Page - Sony Corporation ICX059 Datasheet HTML 3Page - Sony Corporation ICX059 Datasheet HTML 4Page - Sony Corporation ICX059 Datasheet HTML 5Page - Sony Corporation ICX059 Datasheet HTML 6Page - Sony Corporation ICX059 Datasheet HTML 7Page - Sony Corporation ICX059 Datasheet HTML 8Page - Sony Corporation ICX059 Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
– 4 –
ICX059AK
Clock Voltage Conditions
Item
Readout clock voltage
VVT
VVH1, VVH2
VVH3, VVH4
VVL1, VVL2,
VVL3, VVL4
V
φV
I VVH1 – VVH2 I
VVH3 – VVH
VVH4 – VVH
VVHH
VVHL
VVLH
VVLL
V
φH,VφLH
VHL,VLHL
V
φRG
VRGLH – VRGLL
V
φSUB
14.55
–0.05
–0.2
–9.0
7.8
–0.25
–0.25
4.75
–0.05
4.5
22.5
15.0
0
0
–8.5
8.5
5.0
0
5.0
23.5
15.45
0.05
0.05
–8.0
9.05
0.1
0.1
0.1
0.5
0.5
0.5
0.5
5.25
0.05
5.5
0.8
24.5
V
V
V
V
V
V
V
V
V
V
V
V
V
V
V
V
V
1
2
2
2
2
2
2
2
2
2
2
2
3
3
4
4
5
VVH = (VVH1 + VVH2)/2
VVL = (VVL3 + VVL4)/2
V
φV = VVHn – VVLn (n = 1 to 4)
High-level coupling
High-level coupling
Low-level coupling
Low-level coupling
5
5
6
Low-level coupling
Horizontal transfer
clock voltage
Reset gate clock
voltage
Substrate clock voltage
Vertical transfer clock
voltage
Symbol
Min.
Typ.
Max.
Unit
Waveform
diagram
Remarks
5 The horizontal final stage transfer clock input pin LHφ
1
is connected to the horizontal transfer clock input
pin H
φ1.
6 The reset gate clock voltage need not be adjusted when reset gate clock is driven when the specifications
are as given below. In this case, the reset gate clock voltage setting indicated on the back of the image
sensor has not significance.
Item
Symbol
VRGL
V
φRG
Min.
Typ.
Max.
Unit
Waveform
diagram
–0.2
8.5
0
9.0
0.2
9.5
V
V
4
4
Remarks
Reset gate clock
voltage


Similar Part No. - ICX059

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX059 SONY-ICX059 Datasheet
498Kb / 18P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for PAL Color Cameras?
ICX059AKB SONY-ICX059AKB Datasheet
498Kb / 18P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for PAL Color Cameras?
ICX059ALB SONY-ICX059ALB Datasheet
438Kb / 17P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for CCIR B/W Cameras?
ICX059CK SONY-ICX059CK Datasheet
214Kb / 19P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for PAL Color Video Camera
ICX059CL SONY-ICX059CL Datasheet
204Kb / 18P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for CCIR Black-and-White Video Camera
More results

Similar Description - ICX059

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX055AK SONY-ICX055AK Datasheet
361Kb / 18P
   1/3-inch CCD Image Sensor for PAL Color Camera
ICX058AK SONY-ICX058AK Datasheet
347Kb / 18P
   1/3-inch CCD Image Sensor for PAL Color Camera
logo
A1 PROs co., Ltd.
AI329CA A1PROS-AI329CA Datasheet
58Kb / 8P
   1/3 inch CCD Image Sensor for PAL Camera
logo
Samsung semiconductor
KC73129UCA SAMSUNG-KC73129UCA Datasheet
249Kb / 20P
   1/3 INCH CCD IMAGE SENSOR FOR PAL CAMERA
logo
Sony Corporation
ICX027CKA SONY-ICX027CKA Datasheet
326Kb / 15P
   1/2 INCH CCD IMAGE SENSOR FOR PAL COLOR CAMERA
logo
Samsung semiconductor
S5F429PX03 SAMSUNG-S5F429PX03 Datasheet
256Kb / 20P
   1/4 INCH CCD IMAGE SENSOR FOR PAL CAMERA
KC74129C SAMSUNG-KC74129C Datasheet
257Kb / 20P
   1/4 INCH CCD IMAGE SENSOR FOR PAL CAMERA
logo
Sony Corporation
ICX054AK SONY-ICX054AK Datasheet
340Kb / 18P
   1/3-inch CCD Image Sensor for NTSC Color Camera
ICX059CK SONY-ICX059CK Datasheet
214Kb / 19P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for PAL Color Video Camera
logo
Samsung semiconductor
S5F329PW02 SAMSUNG-S5F329PW02 Datasheet
214Kb / 18P
   1/3 INCH CCD IMAGE SENSOR FOR CCIR CAMERA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com