Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSW-102-07-T-S Datasheet(PDF) 6 Page - Texas Instruments

Part # TSW-102-07-T-S
Description  EEG Front-End Performance Demonstration Kit
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TSW-102-07-T-S Datasheet(HTML) 6 Page - Texas Instruments

Back Button TSW-102-07-T-S Datasheet HTML 2Page - Texas Instruments TSW-102-07-T-S Datasheet HTML 3Page - Texas Instruments TSW-102-07-T-S Datasheet HTML 4Page - Texas Instruments TSW-102-07-T-S Datasheet HTML 5Page - Texas Instruments TSW-102-07-T-S Datasheet HTML 6Page - Texas Instruments TSW-102-07-T-S Datasheet HTML 7Page - Texas Instruments TSW-102-07-T-S Datasheet HTML 8Page - Texas Instruments TSW-102-07-T-S Datasheet HTML 9Page - Texas Instruments TSW-102-07-T-S Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 68 page
background image
Overview
www.ti.com
Figure 1. ADS1299EEG-FE Kit
The complete kit includes the following items:
ADS1299EEG FE printed circuit board (PCB), Rev A
MMB0 (Modular EVM motherboard, Rev D or higher)
Universal ac to dc wall adapter, 120V to 240V ac to +6V dc
2.5
Factory Default Jumper Settings
Table 1. Factory Default Jumper Settings
Jumper Name
Settings
Comment
JP1
Not Installed
Used for programmable bias drive.
JP2
2-3
Unipolar analog supply (AVDD = 5V)
JP3
Not Installed
Related to external reference generation circuitry
JP4
1-2
5V supply to board
JP5
Not Installed
Option to provide hardware PWDN signal.
JP6
1-2
BIAS_ELEC to onboard midsupply
JP7
1-2
Route REF_ELEC to buffer input (buffer output is not used by default)
JP8
1-2
Route REF_ELEC directly to SRB1
JP17
Not Installed
Related to shield drive circuitry
JP18
2-3
Clock from Oscillator on the EVM
JP19
1-2
Power for Oscillator on the EVM
JP20
1-2
Unipolar supply (AVSS = 0V)
JP21
1-2
JP22
2-3
JP23
1-2
CLKSEL = 0
JP24
2-3
Digital supply (DVDD =3.3)
6
EEG Front-End Performance Demonstration Kit
SLAU443 – May 2012
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated


Similar Part No. - TSW-102-07-T-S

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSW-102-07-T-S TI1-TSW-102-07-T-S Datasheet
2Mb / 47P
[Old version datasheet]   Performance Demonstration Kit for the ADS130E08
More results

Similar Description - TSW-102-07-T-S

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SBAU202 TI1-SBAU202 Datasheet
2Mb / 47P
[Old version datasheet]   Performance Demonstration Kit for the ADS130E08
logo
Sanyo Semicon Device
LA1193M SANYO-LA1193M_08 Datasheet
1Mb / 22P
   High-Performance FM Front End
LA1193V SANYO-LA1193V Datasheet
643Kb / 22P
   High-Performance FM Front End
logo
STMicroelectronics
UM1541 STMICROELECTRONICS-UM1541 Datasheet
1Mb / 7P
   STCF04 demonstration kit
DK3400 STMICROELECTRONICS-DK3400 Datasheet
133Kb / 4P
   DK3400 demonstration kit
November 2010 Rev 1
UM0855 STMICROELECTRONICS-UM0855 Datasheet
1Mb / 35P
   Demonstration kit for single
logo
List of Unclassifed Man...
PS25003 ETC2-PS25003 Datasheet
6Mb / 23P
   Demonstration Kit Standard Components
logo
CML Microcircuits
DE70321 CMLMICRO-DE70321 Datasheet
220Kb / 4P
   Development and Demonstration Kit
logo
STMicroelectronics
AN1714 STMICROELECTRONICS-AN1714 Datasheet
1Mb / 46P
   transceiver demonstration kit description
logo
Sanyo Semicon Device
LA1193M SANYO-LA1193M Datasheet
766Kb / 21P
   High-Performance FM Front End for Car Radios
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com