Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

ICX058CL Datasheet(PDF) 3 Page - Sony Corporation

Part No. ICX058CL
Description  Diagonal 6mm (Type 1/3) CCD Image Sensor for EIA Black-and-White Video Camera
Download  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SONY [Sony Corporation]
Homepage  http://www.sony.co.jp
Logo 

ICX058CL Datasheet(HTML) 3 Page - Sony Corporation

 
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
– 3 –
ICX058CL
Bias Conditions
Item
Output amplifier drain voltage
Output amplifier gate voltage
Output amplifier source
Substrate voltage adjustment range
Fluctuation range after substrate voltage adjustment
Reset gate clock voltage adjustment range
Fluctuation range after reset gate clock voltage
adjustment
Protective transistor bias
VDD
VGG
VSS
VSUB
∆VSUB
VRGL
∆VRGL
VL
14.55
3.8
9.0
–3
1.0
–3
15.0
4.2
15.45
4.65
18.5
+3
4.0
+3
V
V
V
%
V
%
±5%
1
1, ∗6
Symbol
Min.
Typ.
Max.
Unit
Remarks
DC Characteristics
Item
Output amplifier drain current
Input current
Input current
IDD
IIN1
IIN2
5
1
10
mA
µA
µA
3
4
Symbol
Min.
Typ.
Max.
Unit
Remarks
Grounded with
820
Ω resistor
2
1 Indications of substrate voltage (V
SUB
) · reset gate clock voltage (VRGL) setting value.
The setting values of substrate voltage and reset gate clock voltage are indicated on the back of the image
sensor by a special code. Adjust substrate voltage (VSUB) and reset gate clock voltage (VRGL) to the
indicated voltage. Fluctuation range after adjustment is ±3%.
VSUB code
one character indication
VRGL code
one character indication
↑ ↑
VRGL code VSUB code
Code and optimal setting correspond to each other as follows.
1
VRGL code
Optimal setting
1.0 1.5 2.0 2.5 3.0 3.5 4.0
2
3
4
5
6
7
VSUB code
Optimal setting
9.0 9.5 10.0 10.5 11.0 11.5 12.0 12.5 13.0 13.5 14.0 14.5 15.0 15.5 16.0 16.5 17.0 17.5 18.0 18.5
E
f
G
h
J
K
L
m
N
P
Q
R
S
T
U
V
W
X
Y
Z
<Example> “5L”
→ VRGL = 3.0V
VSUB = 12.0V
2 V
L
setting is the VVL voltage of the vertical transfer clock waveform.
3 1) Current to each pin when 18V is applied to V
DD
, VOUT, Vss and SUB pins, while pins that are not tested
are grounded.
2) Current to each pin when 20V is applied sequentially to V
φ1, Vφ2, Vφ3 and Vφ4 pins, while pins that are
not tested are grounded. However, 20V is applied to SUB pin.
3) Current to each pin when 15V is applied sequentially to RG, LH
φ1, Hφ1, Hφ2 and VGG pins, while pins
that are not tested are grounded. However, 15V is applied to SUB pin.
4) Current to VL pin when 30V is applied to V
φ1, Vφ2, Vφ3, Vφ4, VDD and VOUT pins or when, 24V is applied
to RG pin or when, 20V is applied to VGG, Vss, H
φ1, Hφ2 and LHφ1 pins, while VL pin is grounded.
However, GND and SUB pins are left open.
4 Current to SUB pin when 55V is applied to SUB pin, while pins that are not tested are grounded.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn