Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

ICX058CL Datasheet(PDF) 2 Page - Sony Corporation

Part No. ICX058CL
Description  Diagonal 6mm (Type 1/3) CCD Image Sensor for EIA Black-and-White Video Camera
Download  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SONY [Sony Corporation]
Homepage  http://www.sony.co.jp
Logo 

ICX058CL Datasheet(HTML) 2 Page - Sony Corporation

 
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
– 2 –
ICX058CL
Substrate voltage SUB – GND
Supply voltage
Vertical clock input voltage
Voltage difference between vertical clock input pins
Voltage difference between horizontal clock input pins
H
φ1, Hφ2 – Vφ4
H
φ1, Hφ2, LHφ1, RG, VGG – GND
H
φ1, Hφ2, LHφ1, RG, VGG – SUB
VL – SUB
V
φ1, Vφ2, Vφ3, Vφ4, VDD, VOUT – VL
RG – VL
VGG, VSS, H
φ1, Hφ2, LHφ1 – VL
Storage temperature
Operating temperature
Block Diagram and Pin Configuration
(Top View)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
Note)
Note)
: Photo sensor
Horizontal register
Pin No.
1
2
3
4
5
6
7
8
V
φ4
V
φ3
V
φ2
V
φ1
GND
VGG
VSS
VOUT
Vertical register transfer clock
Vertical register transfer clock
Vertical register transfer clock
Vertical register transfer clock
GND
Output amplifier gate bias
Output amplifier source
Signal output
9
10
11
12
13
14
15
16
VDD
GND
SUB
VL
RG
LH
φ1
H
φ1
H
φ2
Output amplifier drain supply
GND
Substrate (Overflow drain)
Protective transistor bias
Reset gate clock
Horizontal register final stage transfer clock
Horizontal register transfer clock
Horizontal register transfer clock
Symbol
Description
Pin No.
Description
Pin Description
Absolute Maximum Ratings
–0.3 to +55
–0.3 to +18
–55 to +10
–15 to +20
to +10
to +15
to +17
–17 to +17
–10 to +15
–55 to +10
–65 to +0.3
–0.3 to +30
–0.3 to +24
–0.3 to +20
–30 to +80
–10 to +60
V
V
V
V
V
V
V
V
V
V
V
V
V
V
°C
°C
1
VDD, VOUT, VSS – GND
VDD, VOUT, VSS – SUB
V
φ1, Vφ2, Vφ3, Vφ4 – GND
V
φ1, Vφ2, Vφ3, Vφ4 – SUB
Item
Ratings
Unit
Remarks
1 +27V (Max.) when clock width < 10µs, clock duty factor < 0.1%.
Symbol


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn