Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SSW-110-22-F-D-VS-K Datasheet(PDF) 5 Page - Texas Instruments

Part No. SSW-110-22-F-D-VS-K
Description  EEG Front-End Performance Demonstration Kit
Download  68 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI1 [Texas Instruments]
Homepage  http://www.ti.com
Logo 

SSW-110-22-F-D-VS-K Datasheet(HTML) 5 Page - Texas Instruments

 
Zoom Inzoom in Zoom Outzoom out
 5 / 68 page
background image
www.ti.com
Overview
2
Overview
2.1
Introduction
The ADS1299EEG-FE is intended for evaluating the ADS1299 low-power, low noise 24-bit, simultaneously
sampling, eight-channel front-end for EEG applications. The digital SPI™ control interface is provided by
the MMB0 Modular EVM motherboard (Rev. D or higher) that connects to the ADS1299EEG FE
evaluation board (Rev A). The ADS1299EEG-FE (see Figure 1) is NOT a reference design for EEG
applications; rather, its purpose is to expedite evaluation and system development. The output of the
ADS1299 yields a raw, unfiltered EEG signal.
The MMB0 motherboard allows the ADS1299EEG-FE to be connected to the computer via an available
USB port. This manual shows how to use the MMB0 as part of the ADS1299EEG-FE, but does not
provide technical details about the MMB0 itself.
Throughout this document, the abbreviation EVM and the term evaluation module are synonymous with
the ADS1299EEG-FE.
2.2
Supported Features
Hardware Features:
Configurable for bipolar or unipolar supply operation
Configurable for internal and external clock and reference via jumper settings
Configurable for dc-coupled inputs
External bias electrode drive
Option to provide a common reference to all channels negative terminals.
Option to select any electrode as reference electrode
Option to choose any electrode as bias electrode
External shield drive amplifier
Software Features:
Analysis tools including a virtual oscilloscope, histogram, FFT.
Data export for post-processing of raw EEG data
2.3
Features Not Supported in Current Version
NOTE:
The following features are NOT SUPPORTED by the current version of the evaluation kit.
Real-time data processing
AC lead-off detection filters
2.4
ADS1299EEG-FE Hardware
Figure 1 shows the hardware included in the ADS1299EEG-FE kit. Contact the factory if any component is
missing. Also, it is highly recommended that you check the TI website at http://www.ti.com to verify that
you have the latest software.
5
SLAU443 – May 2012
EEG Front-End Performance Demonstration Kit
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn