Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SSW-110-22-F-D-VS-K Datasheet(PDF) 27 Page - Texas Instruments

Part No. SSW-110-22-F-D-VS-K
Description  EEG Front-End Performance Demonstration Kit
Download  68 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI1 [Texas Instruments]
Homepage  http://www.ti.com
Logo 

SSW-110-22-F-D-VS-K Datasheet(HTML) 27 Page - Texas Instruments

Zoom Inzoom in Zoom Outzoom out
 27 / 68 page
background image
www.ti.com
ADS1299EEG-FE Analysis Tools
6
ADS1299EEG-FE Analysis Tools
Under the Analysis tab in the ADS1299EEG-FE GUI software, there are four different analysis tools
shown that enable a detailed examination of the signals selected by the front-end MUX:
Scope
Analysis
Histogram
FFT
These tools are detailed in the following subsections.
6.1
Scope Tab
6.1.1
Using the Analysis
→Scope Tool
The Scope tool (available under the Analysis tab) is a very useful means of examining the exact amplitude
of the measured input signals from each channel. Additionally, users can determine the noise contribution
from each channel at a given resolution, and review the sampling rate, the PGA gain, and the input signal
amplitude. Figure 29 illustrates the Scope tool features.
Figure 29. Scope Tool Features
6.1.2
Waveform Examination Tool
The waveform examination tool allows the user to zoom in either on all channels simultaneously or on a
single channel. Figure 30 shows an example of the waveform examination tool with the magnifying glass
zoomed in on 90 samples.
27
SLAU443 – May 2012
EEG Front-End Performance Demonstration Kit
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn