Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICX058CK Datasheet(PDF) 1 Page - Sony Corporation

Part # ICX058CK
Description  Diagonal 6mm (Type 1/3) CCD Image Sensor for NTSC Color Video Camera
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

ICX058CK Datasheet(HTML) 1 Page - Sony Corporation

  ICX058CK Datasheet HTML 1Page - Sony Corporation ICX058CK Datasheet HTML 2Page - Sony Corporation ICX058CK Datasheet HTML 3Page - Sony Corporation ICX058CK Datasheet HTML 4Page - Sony Corporation ICX058CK Datasheet HTML 5Page - Sony Corporation ICX058CK Datasheet HTML 6Page - Sony Corporation ICX058CK Datasheet HTML 7Page - Sony Corporation ICX058CK Datasheet HTML 8Page - Sony Corporation ICX058CK Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
Description
The ICX058CK is an interline CCD solid-state image
sensor suitable for NTSC color video cameras.
Compared
with
the
current
product
ICX058AK,
sensitivity is improved drastically through the adoption
of Super HAD CCD technology. High resolution is
achieved through the use of Ye, Cy, Mg, and G
complementary color mosaic filters.
This chip features a field period readout system and
an electronic shutter with variable charge-storage time.
Features
• High sensitivity (+3dB at F5.6, +4dB at F1.2 compared with ICX058AK)
• High resolution, low smear and low dark current
• Excellent antiblooming characteristics
• Continuous variable-speed shutter
• Ye, Cy, Mg, and G complementary color mosaic filters on chip
• Horizontal register:
5V drive
• Reset gate:
5V drive
Device Structure
• Interline CCD image sensor
• Image size:
Diagonal 6mm (Type 1/3)
• Number of effective pixels:
768 (H)
× 494 (V) approx. 380K pixels
• Number of total pixels:
811 (H)
× 508 (V) approx. 410K pixels
• Chip size:
6.00mm (H)
× 4.96mm (V)
• Unit cell size:
6.35µm (H)
× 7.40µm (V)
• Optical black:
Horizontal (H) direction:
Front 3 pixels, rear 40 pixels
Vertical (V) direction:
Front 12 pixels, rear 2 pixels
• Number of dummy bits:
Horizontal 22
Vertical 1 (even field only)
• Substrate material:
Silicon
– 1 –
ICX058CK
E95212A99
Diagonal 6mm (Type 1/3) CCD Image Sensor for NTSC Color Video Camera
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by
any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the
operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
Pin 1
V
3
40
2
12
Pin 9
H
Optical black position
(Top View)
16 pin DIP (Plastic)
Super HAD CCD is a registered trademark of Sony Corporation. Super HAD CCD is a CCD that drastically improves sensitivity by introducing newly
developed semiconductor technology by Sony Corporation into Sony's high-performance HAD (Hole-Accumulation Diode) sensor.


Similar Part No. - ICX058CK

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX058CL SONY-ICX058CL Datasheet
203Kb / 18P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for EIA Black-and-White Video Camera
More results

Similar Description - ICX058CK

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX080AK SONY-ICX080AK Datasheet
223Kb / 19P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for NTSC Color Video Cameras
ICX258AK SONY-ICX258AK Datasheet
198Kb / 18P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for NTSC Color Video Cameras
ICX054BK SONY-ICX054BK Datasheet
208Kb / 19P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for NTSC Color Video Cameras
ICX408AK SONY-ICX408AK Datasheet
204Kb / 18P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for NTSC Color Video Cameras
ICX404AK SONY-ICX404AK Datasheet
204Kb / 18P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for NTSC Color Video Cameras
ICX254AK SONY-ICX254AK Datasheet
197Kb / 18P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for NTSC Color Video Cameras
ICX059CK SONY-ICX059CK Datasheet
214Kb / 19P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for PAL Color Video Camera
ICX058AKB SONY-ICX058AKB Datasheet
823Kb / 18P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for NTSC Color Cameras?
ICX409AK SONY-ICX409AK Datasheet
206Kb / 18P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for PAL Color Video Cameras
ICX081AK SONY-ICX081AK Datasheet
227Kb / 19P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for PAL Color Video Cameras
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com